Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD00191174 Datasheet(PDF) 44 Page - STMicroelectronics

Part # CD00191174
Description  High-density access line, ARM-based 32-bit MCU
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00191174 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button CD00191174 Datasheet HTML 40Page - STMicroelectronics CD00191174 Datasheet HTML 41Page - STMicroelectronics CD00191174 Datasheet HTML 42Page - STMicroelectronics CD00191174 Datasheet HTML 43Page - STMicroelectronics CD00191174 Datasheet HTML 44Page - STMicroelectronics CD00191174 Datasheet HTML 45Page - STMicroelectronics CD00191174 Datasheet HTML 46Page - STMicroelectronics CD00191174 Datasheet HTML 47Page - STMicroelectronics CD00191174 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 112 page
background image
Electrical characteristics
STM32F101xC, STM32F101xD, STM32F101xE
44/112
Doc ID 14610 Rev 8
Figure 13.
Typical current consumption on VBAT with RTC on vs. temperature at
different VBAT values
Figure 14.
Typical current consumption in Stop mode with regulator in run mode
versus temperature at different VDD values
0
0.5
1
1.5
2
2.5
–45
25
85105
Temperature (°C)
1.8 V
2 V
2.4 V
3.3 V
3.6 V
ai17337
0
50
100
150
200
250
300
-45
25
70
85
Temperature (°C)
2.4V
2.7V
3.0V
3.3V
3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com