Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB42N65M5 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STB42N65M5
Description  N-channel 650 V, 0.070 ohm, 33 A MDmesh V Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB42N65M5 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STB42N65M5 Datasheet HTML 4Page - STMicroelectronics STB42N65M5 Datasheet HTML 5Page - STMicroelectronics STB42N65M5 Datasheet HTML 6Page - STMicroelectronics STB42N65M5 Datasheet HTML 7Page - STMicroelectronics STB42N65M5 Datasheet HTML 8Page - STMicroelectronics STB42N65M5 Datasheet HTML 9Page - STMicroelectronics STB42N65M5 Datasheet HTML 10Page - STMicroelectronics STB42N65M5 Datasheet HTML 11Page - STMicroelectronics STB42N65M5 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical characteristics
STx42N65M5
8/18
Doc ID 15317 Rev 3
Figure 14. Normalized gate threshold voltage
vs temperature
Figure 15. Normalized on resistance vs
temperature
Figure 16. Source-drain diode forward
characteristics
Figure 17. Normalized BVDSS vs temperature
Figure 18. Switching losses vs gate resistance
(1)
1.
Eon including reverse recovery of a SiC diode
VGS(th)
0.9
0.8
0.7
0.6
-50
0
TJ(°C)
(norm)
1.0
50
100
1.1
ID = 250
µA
AM01571v1
RDS(on)
-50
0
TJ(°C)
(norm)
100
0.5
1.0
1.5
2.0
50
ID = 16.5 A
VGS= 10 V
0
AM01573v1
VSD
0
10
ISD(A)
(V)
5
25
15
20
0.2
0.3
0.4
0.5
0.6
0.7
0.8
30
0.9
1.0
TJ=150°C
TJ=25°C
TJ=-25°C
AM01574v1
BVDSS
-50
0
TJ(°C)
(norm)
50
100
0.95
1.00
1.05
0.90
AM01572v1
ID = 1 mA
E
300
200
100
0
0
20
RG(
Ω)
(
µJ)
10
30
400
500
600
5
15
25
35 40 45
ID=20A
VDD=400V
L=50µH
Eon
Eoff
AM01575v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com