Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD00237391 Datasheet(PDF) 100 Page - STMicroelectronics

Part # CD00237391
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00237391 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button CD00237391 Datasheet HTML 96Page - STMicroelectronics CD00237391 Datasheet HTML 97Page - STMicroelectronics CD00237391 Datasheet HTML 98Page - STMicroelectronics CD00237391 Datasheet HTML 99Page - STMicroelectronics CD00237391 Datasheet HTML 100Page - STMicroelectronics CD00237391 Datasheet HTML 101Page - STMicroelectronics CD00237391 Datasheet HTML 102Page - STMicroelectronics CD00237391 Datasheet HTML 103Page - STMicroelectronics CD00237391 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 177 page
background image
Electrical characteristics
STM32F20xxx
100/177
Doc ID 15818 Rev 9
5.3.17
NRST pin characteristics
The NRST pin input driver uses CMOS technology. It is connected to a permanent pull-up
resistor, RPU (see Table 44).
Unless otherwise specified, the parameters given in Table 47 are derived from tests
performed under the ambient temperature and VDD supply voltage conditions summarized
in Table 12.
Figure 37.
Recommended NRST pin
protection
1.
The reset network protects the device against parasitic resets.
2.
The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in
Table 47. Otherwise the reset is not taken into account by the device.
Table 47.
NRST pin characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(NRST)
(1)
NRST input low level voltage
TTL ports
2.7 V
≤ VDD ≤ 3.6 V
VSS−0.3
-
0.8
V
VIH(NRST)
(1)
NRST input high level voltage
2
-
VDD+0.3
VIL(NRST)
(1)
NRST input low level voltage
CMOS ports
1.8 V
≤ VDD ≤ 3.6 V
VSS−0.3
-
0.3VDD
V
VIH(NRST)
(1)
NRST input high level voltage
0.7VDD
-VDD+0.3
Vhys(NRST)
NRST Schmitt trigger voltage
hysteresis
-
200
-
mV
RPU
Weak pull-up equivalent resistor(2)
VIN = VSS
30
40
50
k
Ω
VF(NRST)
(1)
NRST Input filtered pulse
-
-
100
ns
VNF(NRST)
(1)
NRST Input not filtered pulse
VDD > 2.7 V
300
-
-
ns
TNRST_OUT
Generated reset pulse duration
Internal Reset source
20
-
-
µs
1.
Guaranteed by design, not tested in production.
2.
The pull-up is designed with a true resistance in series with a switchable PMOS. This PMOS contribution to the series
resistance must be minimum
(~10% order)
.
ai14132c
STM32Fxxx
RPU
NRST(2)
VDD
Filter
Internal Reset
0.1 μF
External
reset circuit(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com