Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STI42N65M5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STI42N65M5
Description  N-channel 650 V, 0.070 ohm, 33 A MDmesh V Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI42N65M5 Datasheet(HTML) 3 Page - STMicroelectronics

  STI42N65M5 Datasheet HTML 1Page - STMicroelectronics STI42N65M5 Datasheet HTML 2Page - STMicroelectronics STI42N65M5 Datasheet HTML 3Page - STMicroelectronics STI42N65M5 Datasheet HTML 4Page - STMicroelectronics STI42N65M5 Datasheet HTML 5Page - STMicroelectronics STI42N65M5 Datasheet HTML 6Page - STMicroelectronics STI42N65M5 Datasheet HTML 7Page - STMicroelectronics STI42N65M5 Datasheet HTML 8Page - STMicroelectronics STI42N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STx42N65M5
Electrical ratings
Doc ID 15317 Rev 3
3/18
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220, TO-247
D²PAK, I²PAK
TO-220FP
VGS
Gate- source voltage
± 25
V
ID
Drain current (continuous) at TC = 25 °C
33
33 (1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at TC = 100 °C
20.8
20.8 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
132
132 (1)
A
PTOT
Total dissipation at TC = 25 °C
190
40
W
IAR
Max current during repetitive or single pulse
avalanche (pulse width limited by TJMAX)
11
A
EAS
Single pulse avalanche energy
(starting Tj = 25°C, ID = IAR, VDD = 50V)
950
mJ
dv/dt (3)
3.
ISD ≤ 33 A, di/dt ≤ 400 A/µs, VPeak < V(BR)DSS
Peak diode recovery voltage slope
15
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t = 1 s; TC = 25 °C)
--
2500
V
Tstg
Storage temperature
-55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
D²PAK I²PAK TO-220 TO-247 TO-220FP
Rthj-case
Thermal resistance junction-
case max
0.66
3.1
°C/W
Rthj-amb
Thermal resistance junction-
ambient max
--
62.5
50
62.5
°C/W
Rthj-pcb
Thermal resistance junction-pcb
max
30
--
--
--
--
°C/W
Tl
Maximum lead temperature for
soldering purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com