| Electronic Components Datasheet Search |
|
STM32F205RC Datasheet(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205RC Datasheet(HTML) 98 Page - STMicroelectronics |
|
98 / 177 page ![]() Electrical characteristics STM32F20xxx 98/177 Doc ID 15818 Rev 9 Input/output AC characteristics The definition and values of input/output AC characteristics are given in Figure 36 and Table 46, respectively. Unless otherwise specified, the parameters given in Table 46 are derived from tests performed under the ambient temperature and VDD supply voltage conditions summarized in Table 12. 4. Based on characterization data, not tested in production. Table 46. I/O AC characteristics(1)(2) OSPEEDRy [1:0] bit value(1) Symbol Parameter Conditions Min Typ Max Unit 00 fmax(IO)out Maximum frequency (3) CL = 50 pF, VDD > 2.70 V - - 2 MHz CL = 50 pF, VDD > 1.8 V - - 2 CL = 10 pF, VDD > 2.70 V - - TBD CL = 10 pF, VDD > 1.8 V - - TBD tf(IO)out Output high to low level fall time CL = 50 pF, VDD = 1.8 V to 3.6 V -- TBD ns tr(IO)out Output low to high level rise time -- TBD 01 fmax(IO)out Maximum frequency (3) CL = 50 pF, VDD > 2.70 V - - 25 MHz CL = 50 pF, VDD > 1.8 V - - 12.5(4) CL = 10 pF, VDD > 2.70 V - - 50(4) CL = 10 pF, VDD > 1.8 V - - TBD tf(IO)out Output high to low level fall time CL = 50 pF, VDD < 2.7 V - - TBD ns CL = 10 pF, VDD > 2.7 V - - TBD tr(IO)out Output low to high level rise time CL = 50 pF, VDD < 2.7 V - - TBD CL = 10 pF, VDD > 2.7 V - - TBD 10 fmax(IO)out Maximum frequency (3) CL = 40 pF, VDD > 2.70 V - - 50(4) MHz CL = 40 pF, VDD > 1.8 V - - 25 CL = 10 pF, VDD > 2.70 V - - 100(4) CL = 10 pF, VDD > 1.8 V - - TBD tf(IO)out Output high to low level fall time CL = 50 pF, 2.4 < VDD < 2.7 V - - TBD ns CL = 10 pF, VDD > 2.7 V - - TBD tr(IO)out Output low to high level rise time CL = 50 pF, 2.4 < VDD < 2.7 V - - TBD CL = 10 pF, VDD > 2.7 V - - TBD |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |