Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD00251512 Datasheet(PDF) 5 Page - STMicroelectronics

Part # CD00251512
Description  N-channel 525 V, 0.95 ohm, 6 A, DPAK, TO-220FP, TO-220
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00251512 Datasheet(HTML) 5 Page - STMicroelectronics

  CD00251512 Datasheet HTML 1Page - STMicroelectronics CD00251512 Datasheet HTML 2Page - STMicroelectronics CD00251512 Datasheet HTML 3Page - STMicroelectronics CD00251512 Datasheet HTML 4Page - STMicroelectronics CD00251512 Datasheet HTML 5Page - STMicroelectronics CD00251512 Datasheet HTML 6Page - STMicroelectronics CD00251512 Datasheet HTML 7Page - STMicroelectronics CD00251512 Datasheet HTML 8Page - STMicroelectronics CD00251512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STD7N52DK3, STF7N52DK3, STP7N52DK3
Electrical characteristics
Doc ID 16387 Rev 2
5/16
The built-in back-to-back Zener diodes have specifically been designed to enhance not only
the device’s ESD capability, but also to make them safely absorb possible voltage transients
that may occasionally be applied from gate to source. In this respect the Zener voltage is
appropriate to achieve an efficient and cost-effective intervention to protect the device’s
integrity. These integrated Zener diodes thus avoid the usage of external components.
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off-delay time
Fall time
VDD = 260 V, ID = 3 A,
RG = 4.7 Ω, VGS = 10 V
(see
Figure 19)
-
12
12
37
19
-
ns
ns
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
-
6
24
A
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 6 A, VGS = 0
-
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 6 A, di/dt = 100 A/µs
VDD = 60 V (see Figure 24)
-
110
440
8
ns
nC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 6 A, di/dt = 100 A/µs
VDD = 60 V, Tj = 150 °C
(see
Figure 24)
-
140
680
10
ns
nC
A
Table 8.
Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
BVGSO
Gate-source breakdown
voltage
Igs=± 1 mA (open drain)
30
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com