Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F101RE Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM32F101RE
Description  High-density access line, ARM-based 32-bit MCU
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101RE Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM32F101RE Datasheet HTML 28Page - STMicroelectronics STM32F101RE Datasheet HTML 29Page - STMicroelectronics STM32F101RE Datasheet HTML 30Page - STMicroelectronics STM32F101RE Datasheet HTML 31Page - STMicroelectronics STM32F101RE Datasheet HTML 32Page - STMicroelectronics STM32F101RE Datasheet HTML 33Page - STMicroelectronics STM32F101RE Datasheet HTML 34Page - STMicroelectronics STM32F101RE Datasheet HTML 35Page - STMicroelectronics STM32F101RE Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 112 page
background image
Pinouts and pin descriptions
STM32F101xC, STM32F101xD, STM32F101xE
32/112
Doc ID 14610 Rev 8
PD9
D14
D14
D14
DA14
D14
Yes
PD10
D15
D15
D15
DA15
D15
Yes
PD11
A16
A16
CLE
Yes
PD12
A17
A17
ALE
Yes
PD13
A18
A18
Yes
PD14
D0
D0
D0
DA0
D0
Yes
PD15
D1
D1
D1
DA1
D1
Yes
PG2
A12
-
PG3
A13
-
PG4
A14
-
PG5
A15
-
PG6
INT2
-
PG7
INT3
-
PD0
D2
D2
D2
DA2
D2
Yes
PD1
D3
D3
D3
DA3
D3
Yes
PD3
CLK
CLK
Yes
PD4
NOE
NOE
NOE
NOE
NOE
Yes
PD5
NWE
NWE
NWE
NWE
NWE
Yes
PD6
NWAIT
NWAIT
NWAIT
NWAIT
NWAIT
Yes
PD7
NE1
NE1
NCE2
Yes
PG9
NE2
NE2
NCE3
-
PG10
NCE4_1
NCE4_1
NE3
NE3
-
PG11
NCE4_2
NCE4_2
-
PG12
NE4
NE4
-
PG13
A24
A24
-
PG14
A25
A25
-
PB7
NADV
NADV
Yes
PE0
NBL0
NBL0
Yes
PE1
NBL1
NBL1
Yes
1.
Ports F and G are not available in devices delivered in 100-pin packages.
Table 6.
FSMC pin definition (continued)
Pins
FSMC
LQFP100(1)
CF
CF/IDE
NOR/PSRAM/
SRAM
NOR/PSRAM
Mux
NAND 16 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com