Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F103RF Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM32F103RF
Description  XL-density performance line ARM-based 32-bit MCU
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103RF Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32F103RF Datasheet HTML 73Page - STMicroelectronics STM32F103RF Datasheet HTML 74Page - STMicroelectronics STM32F103RF Datasheet HTML 75Page - STMicroelectronics STM32F103RF Datasheet HTML 76Page - STMicroelectronics STM32F103RF Datasheet HTML 77Page - STMicroelectronics STM32F103RF Datasheet HTML 78Page - STMicroelectronics STM32F103RF Datasheet HTML 79Page - STMicroelectronics STM32F103RF Datasheet HTML 80Page - STMicroelectronics STM32F103RF Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 120 page
background image
STM32F103xF, STM32F103xG
Electrical characteristics
Doc ID 16554 Rev 3
77/120
Figure 35.
PC Card/CompactFlash controller waveforms for I/O space write access
Table 40.
Switching characteristics for PC Card/CF read and write cycles in
attribute/common space
Symbol
Parameter
Min
Max
Unit
tv(NCEx-A)
FSMC_NCEx low to FSMC_Ay valid
-
0
ns
th(NCEx-AI)
FSMC_NCEx high to FSMC_Ax invalid
0
-
td(NREG-NCEx)
FSMC_NCEx low to FSMC_NREG valid
-
2
th(NCEx-NREG)
FSMC_NCEx high to FSMC_NREG invalid
tHCLK + 4
-
td(NCEx_NWE)
FSMC_NCEx low to FSMC_NWE low
-
5tHCLK + 1
td(NCEx_NOE)
FSMC_NCEx low to FSMC_NOE low
-
5tHCLK + 1
tw(NOE)
FSMC_NOE low width
8tHCLK - 0.5
8tHCLK + 1
td(NOE-NCEx
FSMC_NOE high to FSMC_NCEx high
5tHCLK - 0.5
-
tsu(D-NOE)
FSMC_D[15:0] valid data before FSMC_NOE high
32
-
th(NOE-D)
FSMC_NOE high to FSMC_D[15:0] invalid
tHCLK
-
tw(NWE)
FSMC_NWE low width
8tHCLK – 1
8tHCLK + 4
td(NWE_NCEx)
FSMC_NWE high to FSMC_NCEx high
5tHCLK + 1.5
-
td(NCEx-NWE)
FSMC_NCEx low to FSMC_NWE low
-
5tHCLK + 1
tv(NWE-D)
FSMC_NWE low to FSMC_D[15:0] valid
-
0
th(NWE-D)
FSMC_NWE high to FSMC_D[15:0] invalid
11tHCLK
-
td(D-NWE)
FSMC_D[15:0] valid before FSMC_NWE high
13tHCLK + 2.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com