Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL6207N Datasheet(PDF) 7 Page - STMicroelectronics

Part # EVAL6207N
Description  PractiSPIN evaluation system configuration and set up guide
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6207N Datasheet(HTML) 7 Page - STMicroelectronics

Back Button EVAL6207N Datasheet HTML 3Page - STMicroelectronics EVAL6207N Datasheet HTML 4Page - STMicroelectronics EVAL6207N Datasheet HTML 5Page - STMicroelectronics EVAL6207N Datasheet HTML 6Page - STMicroelectronics EVAL6207N Datasheet HTML 7Page - STMicroelectronics EVAL6207N Datasheet HTML 8Page - STMicroelectronics EVAL6207N Datasheet HTML 9Page - STMicroelectronics EVAL6207N Datasheet HTML 10Page - STMicroelectronics EVAL6207N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
AN1794
Starting practiSPIN
7/34
2
Starting practiSPIN
Since the practiSPIN system is capable of supporting several driver IC's and driving different
types of motors the user must first select the type of motor to be driven and the driver IC that
will be evaluated.
1.
Target board set up: configure the jumpers/switches on the target board and the ST7
interface board as described in the paragraph for the specific evaluation board being
used.
2.
Control board - PC connection: connect the ST7 interface board to a serial COMM port
of the PC via a standard (straight through) 9 pin D connector cable.
3.
Power up: energize the power supply.
4.
Start practiSPIN software: on the PC, start the practiSPIN program.
5.
Motor type selection: on the first screen of the practiSPIN software, the user can select
the appropriate type of motor for the device under evaluation. Click on the appropriate
motor type.
6.
Communication settings: click the drop down list under "port selection" and select the
COMM port being used. Baud rate and other communication parameters are fixed on
both sides of the link and do not need to be set.
7.
Establish COMM link: click the "Connect With ST7 Hardware". At this point the
practiSPIN software will transmit several commands to the ST7 to initialize the
processor. The practiSPIN software will read the revision code of the firmware currently
stored in the flash memory of the ST7 and determine if the correct version of firmware
resides in the ST7. If the practiSPIN software detects that a firmware update is
necessary, either because there is an old version of firmware or the firmware currently
in the flash memory is not the correct firmware for the motor type selected, one or more
dialogue boxes will appear asking if the program should proceed with the update.
Accept the updates and the practiSPIN software will automatically update the firmware.
The system will then initialize the settings to the last stored settings and open the
appropriate practiSPIN software for the selected motor type.
8.
Calibrate current setting: when communication is established the user has the option to
adjust the offset and maximum current settings. If this is the first time you use the
system, calibration may be needed to adjust out the offset in the reference bias
circuitry. Calibration ensures that the reference voltage provided to L62XX IC follows
the practiSPIN software current settings. Calibration is a two-step process; first the
offset is adjusted then the maximum current is set.
a)
To null out the offset, click on CALIBRATE ZERO then adjust R18 (on ST7 board)
until voltage at Vref pin(s) of the L62XX device is zero. Measurement points on
each board are listed in the set up section for each target board.
b)
The maximum current, corresponding to 100% current setting in the practiSPIN
software, can be adjusted using the Vref potentiometers on the target board. If the
potentiometers are set to full scale (clockwise) the reference applied to the input of
the device is typically about 0.88 V. The full-scale peak current is equal to
Vref/Rsense where Rsense is the composite value of the sense resistor on the
board. To set the maximum current, click on CALIBRATE MAX and trim the Vref
potentiometer(s) on the EVAL62XX board to set the desired reference. If you plan
to use microstepping, consider reducing the maximum Vref to the real peak value
you will use, allowing setting the software current controls near to 100%, avoiding
poor Vref resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com