Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM188ES-40VC/W Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM188ES-40VC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM188ES-40VC/W Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM188ES-40VC/W Datasheet HTML 28Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 29Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 30Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 31Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 32Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 33Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 34Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 35Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 102 page
background image
32
Am186/188ES and Am186/188ESLV Microcontrollers
PRELIMIN ARY
generated for 1.5 clock cycles with an adequate
deassertion period to ensure that overall auto refresh
cycle time is met.
This signal functions like the RFSH signal in the
Am186EM and Am188EM microcontrollers except that
the DRAM row address is not driven on DRAM
refreshes. This pin is not three-stated during a bus hold
condition.
NMI
Nonmaskable Interrupt (input, synchronous,
edge-sensitive)
This pin indicates to the microcontroller that an
interrupt request has occurred. The NMI signal is the
highest priority hardware interrupt and, unlike the
I N T 6–I NT 0 pin s , cann ot be m a sked. Th e
microcontroller always transfers program execution to
the location specified by the nonmaskable interrupt
vector in the microcontroller interrupt vector table when
NMI is asserted.
Although NMI is the highest priority interrupt source, it
does not participate in the priority resolution process of
the maskable interrupts. There is no bit associated with
NMI in the interrupt in-service or interrupt request
registers. This means that a new NMI request can
interrupt an executing NMI interrupt service routine. As
with all hardware interrupts, the IF (interrupt flag) is
cleared when the processor takes the interrupt,
disabling the maskable interrupt sources. However, if
maskable interrupts are re-enabled by software in the
NMI interrupt service routine, via the STI instruction for
example, the fact that an NMI is currently in service
does not have any effect on the priority resolution of
maskable interrupt requests. For this reason, it is
strongly advised that the interrupt service routine for
NMI should not enable the maskable interrupts.
An NMI transition from Low to High is latched and
synchronized internally, and it initiates the interrupt at
the next instruction boundary. To guarantee that the
interrupt is recognized, the NMI pin must be asserted
for at least one CLKOUTA period.
PCS1–PCS0
(PCS1/PIO17, PCS0/PIO16)
Peripheral Chip Selects (output, synchronous)
These pins indicate to the system that a memory
access is in progress to the corresponding region of the
peripheral memory block (either I/O or memory
address space). The base address of the peripheral
memory block is programmable. PCS3–PCS0 are held
High during a bus hold condition. They are also held
High during reset.
Unlike the UCS and LCS chip selects, the PCS outputs
assert with the multiplexed AD address bus. Note also
that each peripheral chip select asserts over a 256-
byte address range, which is twice the address range
covered by peripheral chip selects in the 80C186 and
80C188 microcontrollers.
PCS2/CTS1/ENRX1/PIO18
Peripheral Chip Select 2 (output, synchronous)
Clear-to-Send 1 (input, asynchronous)
Enable-Receiver-Request 1 (input, asynchronous)
PCS2—This pin provides the Peripheral Chip Select 2
signal to the system when hardware flow control is not
enabled for asynchronous serial port 1. The PCS2
signal indicates to the system that a memory access is
in progress to the corresponding region of the
peripheral memory block (either I/O or memory
address space). The base address of the peripheral
memory block is programmable. PCS2 is held High
during a bus hold or reset condition.
Unlike the UCS and LCS chip selects, the PCS outputs
assert with the multiplexed AD address bus. Note also
that each peripheral chip select asserts over a 256-
byte address range, which is twice the address range
covered by peripheral chip selects in the 80C186 and
80C188 microcontrollers.
CTS1—This pin provides the Clear to Send signal for
asynchronous serial port 1 when the ENRX1 bit in the
AUXCON register is 0 and hardware flow control is
enabled for the port (FC bit in the serial port 1 control
r egister is s e t) . T he C T S 1 si g nal gat es the
transmission of data from the associated serial port
transmit register. When CTS1 is asserted, the
transmitter begins transmission of a frame of data, if
any is available. If CTS1 is deasserted, the transmitter
holds the data in the serial port transmit register. The
value of CTS1 is checked only at the beginning of the
transmission of the frame.
ENRX1—This pin provides the Enable Receiver
Request for asynchronous serial port 1 when the
ENRX1 bit in the AUXCON register is 1 and hardware
flow control is enabled for the port (FC bit in the serial
port 1 control register is set). The ENRX1 signal
enables the receiver for the associated serial port.
PCS3/RTS1/RTR1/PIO19
Peripheral Chip Select 3 (output, synchronous)
Ready-to-Send 1 (output, asynchronous)
Ready-to-Receive 1 (output, asynchronous)
PCS3—This pin provides the Peripheral Chip Select 3
signal to the system when hardware flow control is not
enabled for asynchronous serial port 1. The PCS3
signal indicates to the system that a memory access is
in progress to the corresponding region of the
peripheral memory block (either I/O or memory
address space). The base address of the peripheral
memory block is programmable. PCS3 is held High
during a bus hold or reset condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com