Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A132000 Datasheet(PDF) 6 Page - AMIC Technology

Part # A132000
Description  ADPCM SOUND CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A132000 Datasheet(HTML) 6 Page - AMIC Technology

  A132000 Datasheet HTML 1Page - AMIC Technology A132000 Datasheet HTML 2Page - AMIC Technology A132000 Datasheet HTML 3Page - AMIC Technology A132000 Datasheet HTML 4Page - AMIC Technology A132000 Datasheet HTML 5Page - AMIC Technology A132000 Datasheet HTML 6Page - AMIC Technology A132000 Datasheet HTML 7Page - AMIC Technology A132000 Datasheet HTML 8Page - AMIC Technology A132000 Datasheet HTML 9Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
A132000
PRELIMINARY
(December, 1999, Version 0.0)
5
AMIC Technology, Inc.
Application Circuits
RC Operating Mode Application Circuit
A132000
VDD
OSC1
OSC2
T0CKI
CLKOP
OPRA0
OPRA1
OPRA2
OPRA3
MCLRB
VSS
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
RA3
RA2
RA1
RA0
AUDA
VDD
VDD
10K
0.1uf
R1
C1
C1: 0.1uf ~1uf
R1: 680 ~1.5K
10K
0.1uf
VDD
VDD
RC Mode
Rosc
Reset
Trigger



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com