Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4452VPA Datasheet(PDF) 8 Page - Microchip Technology

Part # TC4452VPA
Description  12A High-Speed MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4452VPA Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC4452VPA Datasheet HTML 4Page - Microchip Technology TC4452VPA Datasheet HTML 5Page - Microchip Technology TC4452VPA Datasheet HTML 6Page - Microchip Technology TC4452VPA Datasheet HTML 7Page - Microchip Technology TC4452VPA Datasheet HTML 8Page - Microchip Technology TC4452VPA Datasheet HTML 9Page - Microchip Technology TC4452VPA Datasheet HTML 10Page - Microchip Technology TC4452VPA Datasheet HTML 11Page - Microchip Technology TC4452VPA Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TC4451/TC4452
DS21987A-page 8
© 2006 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C with 4.5V ≤ VDD ≤ 18V.
FIGURE 2-19:
Supply Current vs.
Frequency (VDD = 18V).
FIGURE 2-20:
Supply Current vs.
Frequency (VDD = 12V).
FIGURE 2-21:
Supply Current vs.
Frequency (VDD = 6V).
0
50
100
150
200
250
10
100
1000
10000
Frequency (kHz)
VDD = 18 V
0.1 μF
47,000 pF
22,000 pF
15,000 pF
10,000 pF
1,000 pF
470 pF
0
50
100
150
200
250
10
100
1000
10000
Frequency (kHz)
VDD = 12 V
0.1 μF
47,000 pF
22,000 pF
15,000 pF
10,000 pF
1,000 pF
470 pF
0
50
100
150
200
250
10
100
1000
10000
Frequency (kHz)
VDD = 6 V
0.1 μF
47,000 pF
22,000 pF
15,000 pF
10,000 pF
1,000 pF
470 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com