| Electronic Components Datasheet Search |
|
TL052IPE4 Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL052IPE4 Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 68 page ![]() TL05x, TL05xA ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TL054C and TL054AC electrical characteristics at specified free-air temperature † TL054C, TL054AC PARAMETER TEST CONDITIONS TA† VCC ± = ±5 V VCC ± = ±15 V UNIT MIN TYP MAX MIN TYP MAX TL054C 25 °C 0.64 5.5 0.56 4 VIO Input offset voltage TL054C Full range 7.7 6.2 mV VIO Input offset voltage TL054AC 25 °C 0.57 3.5 0.5 1.5 mV VO =0 TL054AC Full range 5.7 3.7 a Temperature coefficient VO = 0, VIC = 0, RS = 50 Ω TL054C 25 °C to 70 °C 25 23 µV/°C a V IO of input offset voltage RS 50 Ω TL054AC 25 °C to 70 °C 24 23 µV/°C Input offset-voltage long-term drift‡ 25 °C 0.04 0.04 µV/mo IIO Input offset current VO = 0, VIC = 0, 25 °C 4 100 5 100 pA IIO Input offset current OIC See Figure 5 70 °C 0.02 1 0.025 1 nA IIB Input bias current VO = 0, VIC = 0, 25 °C 20 200 30 200 pA IIB Input bias current OIC See Figure 5 70 °C 0.15 4 0.2 4 nA VICR Common-mode input 25 °C –1 to 4 –2.3 to 5.6 –11 to 11 –12.3 to 15.6 V VICR voltage range Full range –1 to 4 –11 to 11 V RL =10kΩ 25 °C 3 4.2 13 13.9 VOM Maximum positive peak RL = 10 kΩ Full range 3 13 V VOM+ output voltage swing RL =2kΩ 25 °C 2.5 3.8 11.5 12.7 V RL = 2 kΩ Full range 2.5 11.5 RL =10kΩ 25 °C –2.5 –3.5 –12 –13.2 VOM Maximum negative peak RL = 10 kΩ Full range –2.5 –12 V VOM– g output voltage swing RL =2kΩ 25 °C –2.3 –3.2 –11 –12 V RL = 2 kΩ Full range –2.3 –11 L i l diff ti l 25 °C 25 72 50 133 AVD Large-signal differential voltage amplification§ RL = 2 kΩ 0 °C 30 88 60 173 V/mV voltage am lification§ 70 °C 20 57 30 85 ri Input resistance 25 °C 1012 1012 Ω ci Input capacitance 25 °C 10 12 pF Common mode V V min 25 °C 65 84 75 92 CMRR Common-mode rejection ratio VIC = VICRmin, VO =0 RS =50 Ω 0 °C 65 84 75 92 dB rejection ratio VO = 0, RS = 50 Ω 70 °C 65 84 75 93 Supply voltage rejection V ±5Vto ±15 V 25 °C 75 99 75 99 kSVR Supply-voltage rejection ratio ( ∆VCC±/∆VIO) VCC ± = ±5 V to ±15 V, VO =0 RS =50 Ω 0 °C 75 99 75 99 dB ratio ( ∆VCC±/∆VIO) VO = 0, RS = 50 Ω 70 °C 75 99 75 99 Supply current 25 °C 8.1 11.2 8.4 11.2 ICC Supply current (four amplifiers) VO = 0, No load 0 °C 8.2 12.8 8.5 12.8 mA (four am lifiers) 70 °C 7.9 11.2 8.2 11.2 VO1/VO2 Crosstalk attenuation AVD = 100 25 °C 120 120 dB † Full range is 0 °C to 70°C. ‡ Typical values are based on the input offset-voltage shift observed through 168 hours of operating life test at TA = 150°C, extrapolated to TA = 25°C using the Arrhenius equation, and assuming an activation energy of 0.96 eV. § For VCC± = ±5 V, VO = ±2.3 V, at VCC± = ±15 V, VO = ±10 V.B |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |