| Electronic Components Datasheet Search |
|
AM188ES-40KC/W Datasheet(PDF) 39 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM188ES-40KC/W Datasheet(HTML) 39 Page - Advanced Micro Devices |
|
39 / 102 page ![]() Am186/188ES and Am186/188ESLV Microcontrollers 39 P R E L IMINA R Y BUS OPERATION The industry-standard 80C186 and 80C188 microcon- trollers use a multiplexed address and data (AD) bus. The address is present on the AD bus only during the t1 clock phase. The Am186ES and Am188ES micro- controllers continue to provide the multiplexed AD bus and, in addition, provide a nonmultiplexed address (A) bus. The A bus provides an address to the system for the complete bus cycle (t1–t4). For systems where power consumption is a concern, it is possible to disable the address from being driven on the AD bus on the Am186ES microcontroller and on the AD and AO buses on the Am188ES microcontroller during the normal address portion of the bus cycle for accesses to UCS and/or LCS address spaces. In this mode, the affected bus is placed in a high-impedance state during the address portion of the bus cycle. This feature is enabled through the DA bits in the UMCS and LMCS registers. When address disable is in effect, the number of signals that assert on the bus during all nor- mal bus cycles to the associated address space is re- duced, decreasing power consumption and reducing processor switching noise. On the Am188ES micro- controller, the address is driven on A015–A08 during the data portion of the bus cycle regardless of the set- ting of the DA bits. If the ADEN pin is pulled Low during processor reset, the value of the DA bits in the UMCS and LMCS regis- ters is ignored and the address is driven on the AD bus for all accesses, thus preserving the industry-standard 80C186 and 80C188 microcontrollers’ multiplexed ad- dress bus and providing support for existing emulation tools. The following diagrams show the Am186ES and AM188ES microcontroller bus cycles when the ad- dress bus disable feature is in effect: n Figure 4 shows the affected signals during a normal read or write operation for an Am186ES microcon- troller. The address and data are multiplexed onto the AD bus. n Figure 5 shows an Am186ES microcontroller bus cycle when address bus disable is in effect. This re- sults in the AD bus operating in a nonmultiplexed address/data mode. The A bus has the address during a read or write operation. n Figure 6 shows the affected signals during a normal read or write operation for an Am188ES microcon- troller. The multiplexed address/data mode is com- p a tib l e wi th t he 8 0 C1 86 an d 80C 188 microcontrollers and might be used to take advan- tage of existing logic or peripherals. n Figure 7 shows an Am188ES microcontroller bus cycle when address bus disable is in effect. The ad- dress and data is not multiplexed. The AD7–AD0 signals have only data on the bus, while the AO bus has the address during a read or write operation. Figure 4. Am186ES Microcontroller Address Bus—Normal Read and Write Operation CLKOUTA t1 t2 t3 t4 AD15–AD0 (Read) Data AD15–AD0 (Write) LCS or UCS Address Data Address Address Phase Data Phase A19–A0 Address MCSx, PCSx |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |