Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F16KA302 Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC24F16KA302
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA302 Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC24F16KA302 Datasheet HTML 63Page - Microchip Technology PIC24F16KA302 Datasheet HTML 64Page - Microchip Technology PIC24F16KA302 Datasheet HTML 65Page - Microchip Technology PIC24F16KA302 Datasheet HTML 66Page - Microchip Technology PIC24F16KA302 Datasheet HTML 67Page - Microchip Technology PIC24F16KA302 Datasheet HTML 68Page - Microchip Technology PIC24F16KA302 Datasheet HTML 69Page - Microchip Technology PIC24F16KA302 Datasheet HTML 70Page - Microchip Technology PIC24F16KA302 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 320 page
background image
 2011 Microchip Technology Inc.
DS39995B-page 67
PIC24FV32KA304 FAMILY
6.0
DATA EEPROM MEMORY
The data EEPROM memory is a Nonvolatile Memory
(NVM), separate from the program and volatile data
RAM. Data EEPROM memory is based on the same
Flash technology as program memory, and is optimized
for both long retention and a higher number of
erase/write cycles.
The data EEPROM is mapped to the top of the user
program memory space, with the top address at
program memory address, 7FFE00h to 7FFFFFh. The
size of the data EEPROM is 256 words in
PIC24FV32KA304 devices.
The data EEPROM is organized as 16-bit wide
memory. Each word is directly addressable, and is
readable and writable during normal operation over the
entire VDD range.
Unlike the Flash program memory, normal program
execution is not stopped during a data EEPROM
program or erase operation.
The data EEPROM programming operations are
controlled using the three NVM Control registers:
• NVMCON: Nonvolatile Memory Control Register
• NVMKEY: Nonvolatile Memory Key Register
• NVMADR: Nonvolatile Memory Address Register
6.1
NVMCON Register
The NVMCON register (Register 6-1) is also the primary
control register for data EEPROM program/erase
operations. The upper byte contains the control bits
used to start the program or erase cycle, and the flag bit
to indicate if the operation was successfully performed.
The lower byte of NVMCOM configures the type of NVM
operation that will be performed.
6.2
NVMKEY Register
The NVMKEY is a write-only register that is used to
prevent accidental writes or erasures of data EEPROM
locations.
To start any programming or erase sequence, the
following instructions must be executed first, in the
exact order provided:
1.
Write 55h to NVMKEY.
2.
Write AAh to NVMKEY.
After this sequence, a write will be allowed to the
NVMCON register for one instruction cycle. In most
cases, the user will simply need to set the WR bit in the
NVMCON register to start the program or erase cycle.
Interrupts should be disabled during the unlock
sequence.
The MPLAB® C30 C compiler provides a defined library
procedure (builtin_write_NVM) to perform the
unlock sequence. Example 6-1 illustrates how the
unlock sequence can be performed with in-line
assembly.
EXAMPLE 6-1:
DATA EEPROM UNLOCK SEQUENCE
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended
to
be
a
comprehensive
reference source. For more information
on Data EEPROM, refer to the “PIC24F
Family Reference Manual”
, Section 5.
“Data EEPROM”
(DS39720).
//Disable Interrupts For 5 instructions
asm volatile("disi #5");
//Issue Unlock Sequence
asm volatile("mov #0x55, W0
\n"
"mov W0, NVMKEY
\n"
"mov #0xAA, W1
\n"
"mov W1, NVMKEY
\n");
// Perform Write/Erase operations
asm volatile ("bset NVMCON, #WR
\n"
"nop
\n"
"nop
\n");



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com