Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA520ABC008 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MA520ABC008
Description  2in1 Cellular and Wi-Fi Heavy Duty Screw Mount Antenna
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MA520ABC008 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MA520ABC008 Datasheet HTML 1Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 2Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 3Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 4Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 5Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 6Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 7Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 8Page - List of Unclassifed Manufacturers MA520ABC008 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SPE-13-8-071/B/AS | page 4 of 22
MA.520.C.B208111.C208151
2. Specification
Mechanical
Dimensions (mm)
Height=29mm x Diameter=49mm
Cable
2 Meters RG316 (Fully Customizable)
Connector
Cellular: SMA(M) - Wi-Fi: RP-SMA(M) (Fully Customizable)
Tread Diameter
18 mm
Casing
UV Resistant ABS
Weather proof gasket
CR4305 foam with 3M9448B double-side adhesive
Sealant
Rubber Stopper
Base and Thread
Nickel Plated Zinc Alloy
Environmental
Protection
IP67
Corrosion
5% NACI for 96hrs
Temperature Range
-40ºC to +85ºC
Thermal Shock
100 cycles -40°C to +85°C
Humidity
Non-condensing 65°C 95% RH
Shock (Drop Test)
1m drop on concrete 6 axes
Cable Pull
8 Kgf
*Note: The MA520 antenna performance was measured on a 60X60cm metal plate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com