Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA672 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MA672
Description  Spartan Antenna 3in1 MA672 Low Profile Screw-Mount
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MA672 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MA672 Datasheet HTML 1Page - List of Unclassifed Manufacturers MA672 Datasheet HTML 2Page - List of Unclassifed Manufacturers MA672 Datasheet HTML 3Page - List of Unclassifed Manufacturers MA672 Datasheet HTML 4Page - List of Unclassifed Manufacturers MA672 Datasheet HTML 5Page - List of Unclassifed Manufacturers MA672 Datasheet HTML 6Page - List of Unclassifed Manufacturers MA672 Datasheet HTML 7Page - List of Unclassifed Manufacturers MA672 Datasheet HTML 8Page - List of Unclassifed Manufacturers MA672 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SPE-12-8-113/B/PK
Page 3 of 15
MA672.C305151.G305151.H305151
2. Specification
ELECTRICAL – V-pol. antenna 1
Frequency
5.0
5.3
5.6
5.8
GHz
Radiation
Efficiency *
39.0
41.7
43.5
40.7
%
Peak Gain *
2.65
3.92
4.71
4.48
dBi
VSWR
2 Max
Polarization
Linear (Vertical)
Impedance
50
W
ELECTRICAL - V-pol. antenna 2
Frequency
5.0
5.3
5.6
5.8
GHz
Radiation
Efficiency *
44.7
42.8
41.3
35.1
%
Peak Gain *
3.44
3.50
4.01
3.53
dBi
VSWR
2 Max
Polarization
Linear (Vertical)
Impedance
50
W
ELECTRICAL - H-pol. antenna
Frequency
5.0
5.3
5.6
5.8
GHz
Radiation
Efficiency *
42.4
42.7
36.8
44.2
%
Peak Gain *
4.55
4.33
4.51
4.84
dBi
VSWR
2 Max
Polarization
Linear (Horizontal)
Impedance
50
W
MECHANICAL
Antenna Dimensions
Height 50mm x Diameter 150mm
Casing
PC
Base and thread
Nickel Plated Zinc
Waterproof
IP67
ENVIRONMENTAL
Temperature Range
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH
* all measurements were conducted with 3m CFD200 cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com