Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7981TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L7981TR
Description  3 A step-down switching regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7981TR Datasheet(HTML) 1 Page - STMicroelectronics

  L7981TR Datasheet HTML 1Page - STMicroelectronics L7981TR Datasheet HTML 2Page - STMicroelectronics L7981TR Datasheet HTML 3Page - STMicroelectronics L7981TR Datasheet HTML 4Page - STMicroelectronics L7981TR Datasheet HTML 5Page - STMicroelectronics L7981TR Datasheet HTML 6Page - STMicroelectronics L7981TR Datasheet HTML 7Page - STMicroelectronics L7981TR Datasheet HTML 8Page - STMicroelectronics L7981TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
July 2010
Doc ID 15182 Rev 3
1/44
44
L7981
3 A step-down switching regulator
Features
■ 3 A DC output current
■ 4.5 V to 28 V input voltage
■ Output voltage adjustable from 0.6 V
■ 250 kHz switching frequency, programmable
up to 1 MHz
■ Internal soft-start and enable
■ Low dropout operation: 100% duty cycle
■ Voltage feed-forward
■ Zero load current operation
■ Overcurrent and thermal protection
■ VFQFPN3x3-8L and HSOP8 package
Applications
■ Consumer:
STB, DVD, DVD recorder, car audio, LCD TV
and monitors
■ Industrial:
PLD, PLA, FPGA, chargers
■ Networking: XDSL, modems, DC-DC modules
■ Computer:
Optical storage, hard disk drive, printers,
audio/graphic cards
■ Suitable for LED driving
Description
The L7981 is a step down switching regulator with
3.7 A (minimum) current limited embedded power
MOSFET, so it si able to deliver up to 3 A current
to the load depending on the application
conditions.
The input voltage can range from 4.5 V to 28 V,
while the output voltage can be set starting from
0.6 V to VIN.
Requiring a minimum set of external components,
the device includes an internal 250 kHz switching
frequency oscillator that can be externally
adjusted up to 1 MHz.
The QFN and the HSOP packages with exposed
pad allow reducing the RthJA down to 60°C/W and
40°C/W respectively.
Figure 1.
Application circuit
HSOP8 exposed pad
VFQFPN8 3x3
www.st.com


Similar Part No. - L7981TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7981 STMICROELECTRONICS-L7981 Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
More results

Similar Description - L7981TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5987 STMICROELECTRONICS-L5987 Datasheet
1Mb / 42P
3 A step-down switching regulator
29-Aug-2008
ST1S40IPUR STMICROELECTRONICS-ST1S40IPUR Datasheet
1Mb / 30P
3 A DC step-down switching regulator
01-Mar-2012
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
3 A step-down switching regulator
16-Oct-2012
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
PM8903 STMICROELECTRONICS-PM8903 Datasheet
2Mb / 34P
3 A step-down monolithic switching regulator
01-Feb-2012
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
3 A DC step-down switching regulator
10-Oct-2013
L7986TR STMICROELECTRONICS-L7986TR Datasheet
1Mb / 43P
3 A step-down switching regulator
05-Sep-2014
ST1S31 STMICROELECTRONICS-ST1S31 Datasheet
1Mb / 35P
3 A DC step-down switching regulator
03-Mar-2016
PM8903A STMICROELECTRONICS-PM8903A Datasheet
2Mb / 33P
3 A step-down monolithic switching regulator
11-Jan-2013
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
3 A DC step-down switching regulator
28-Aug-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com