Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG3525AP Datasheet(PDF) 2 Page - STMicroelectronics

Part # SG3525AP
Description  REGULATING PULSE WIDTH MODULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SG3525AP Datasheet(HTML) 2 Page - STMicroelectronics

  SG3525AP Datasheet HTML 1Page - STMicroelectronics SG3525AP Datasheet HTML 2Page - STMicroelectronics SG3525AP Datasheet HTML 3Page - STMicroelectronics SG3525AP Datasheet HTML 4Page - STMicroelectronics SG3525AP Datasheet HTML 5Page - STMicroelectronics SG3525AP Datasheet HTML 6Page - STMicroelectronics SG3525AP Datasheet HTML 7Page - STMicroelectronics SG3525AP Datasheet HTML 8Page - STMicroelectronics SG3525AP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vi
Supply Voltage
40
V
VC
Collector Supply Voltage
40
V
IOSC
Oscillator Charging Current
5
mA
Io
Output Current, Source or Sink
500
mA
IR
Reference Output Current
50
mA
IT
Current through CT Terminal
Logic Inputs
Analog Inputs
5
– 0.3 to + 5.5
– 0.3 to Vi
mA
V
V
Ptot
Total Power Dissipation at Tamb = 70
°C
1000
mW
Tj
Junction Temperature Range
– 55 to 150
°C
Tstg
Storage Temperature Range
– 65 to 150
°C
Top
Operating Ambient Temperature : SG2525A
SG3525A
– 25 to 85
0 to 70
°C
°C
THERMAL DATA
Symbol
Parameter
SO16
DIP16
Unit
Rth j-pins
Rth j-amb
Rth j-alumina
Thermal Resistance Junction-pins
Max
Thermal Resistance Junction-ambient
Max
Thermal Resistance Junction-alumina (*)
Max
50
50
80
°C/W
°C/W
°C/W
* Thermal resistance junction-alumina with the device soldered on the middle of an alumina supporting substrate measuring 15
× 20 mm ; 0.65 mm
thickness with infinite heatsink.
BLOCK DIAGRAM
SG2525A-SG3525A
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com