Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP5NK40ZFP Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP5NK40ZFP
Description  N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5NK40ZFP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP5NK40ZFP Datasheet HTML 2Page - STMicroelectronics STP5NK40ZFP Datasheet HTML 3Page - STMicroelectronics STP5NK40ZFP Datasheet HTML 4Page - STMicroelectronics STP5NK40ZFP Datasheet HTML 5Page - STMicroelectronics STP5NK40ZFP Datasheet HTML 6Page - STMicroelectronics STP5NK40ZFP Datasheet HTML 7Page - STMicroelectronics STP5NK40ZFP Datasheet HTML 8Page - STMicroelectronics STP5NK40ZFP Datasheet HTML 9Page - STMicroelectronics STP5NK40ZFP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
STP5NK40Z - STP5NK40ZFP - STD5NK40Z - STD5NK40Z-1
6/13
Source-drain Diode Forward Characteristics
Normalized BVDSS vs Temperature
Maximum Avalanche Energy vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com