Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD901T Datasheet(PDF) 5 Page - STMicroelectronics

Part # STD901T
Description  High voltage NPN Darlington transistor for ignition coil
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD901T Datasheet(HTML) 5 Page - STMicroelectronics

  STD901T Datasheet HTML 1Page - STMicroelectronics STD901T Datasheet HTML 2Page - STMicroelectronics STD901T Datasheet HTML 3Page - STMicroelectronics STD901T Datasheet HTML 4Page - STMicroelectronics STD901T Datasheet HTML 5Page - STMicroelectronics STD901T Datasheet HTML 6Page - STMicroelectronics STD901T Datasheet HTML 7Page - STMicroelectronics STD901T Datasheet HTML 8Page - STMicroelectronics STD901T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ST901T, STD901T
Electrical characteristics
Doc ID 4510 Rev 5
5/12
2.1
Electrical characteristics (curves)
Figure 2.
Collector-emitter saturation
voltage (hFE = 100)
Figure 3.
Base-emitter saturation
voltage (hFE = 100)
Figure 4.
DC current gain (VCE = 2 V)
Figure 5.
DC current gain (VCE = 5 V)
AM08502v1
0.4
0.6
0.8
1
1.2
1.4
0.1
1
10
VCE(sat)
(V)
IC (A)
TJ = -40 °C
TJ = 25
TJ = 125 °C
°C
AM08503v1
0.8
1
1.2
1.4
1.6
1.8
0.1
1
VBE(sat)
(V)
IC (A)
TJ = -40
TJ = 25
TJ = 125
°C
°C
°C
AM08504v1
100
1000
0.1
1
hFE
IC (A)
TJ = -40
TJ = 25
TJ = 125
°C
°C
°C
AM08508v1
100
1000
10000
0.1
1
hFE
IC(A)
TJ = -40
TJ = 25
TJ = 125
°C
°C
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com