Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP11NM65N Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP11NM65N
Description  N-channel 650 V, 0.425 ohm typ., 11 A MDmesh ll Power MOSFET
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11NM65N Datasheet(HTML) 3 Page - STMicroelectronics

  STP11NM65N Datasheet HTML 1Page - STMicroelectronics STP11NM65N Datasheet HTML 2Page - STMicroelectronics STP11NM65N Datasheet HTML 3Page - STMicroelectronics STP11NM65N Datasheet HTML 4Page - STMicroelectronics STP11NM65N Datasheet HTML 5Page - STMicroelectronics STP11NM65N Datasheet HTML 6Page - STMicroelectronics STP11NM65N Datasheet HTML 7Page - STMicroelectronics STP11NM65N Datasheet HTML 8Page - STMicroelectronics STP11NM65N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Doc ID 13476 Rev 4
3/21
STD11NM65N, STF11NM65N, STFI11NM65N, STP11NM65N
Electrical ratings
21
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220, DPAK
TO-220FP
I²PAKFP
V
DS
Drain-source voltage
650
V
V
GS
Gate-source voltage
± 25
V
I
D
Drain current (continuous) at T
C
= 25 °C
11
11
(1)
1.
Limited by maximum junction temperature.
A
I
D
Drain current (continuous) at T
C
= 100 °C
7
7
(1)
A
I
DM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
44
44
(1)
A
P
TOT
Total dissipation at T
C
= 25 °C
110
25
W
I
AR
Avalanche current, repetitive or not-repetitive
(pulse width limited by T
j
max)
3A
E
AS
Single pulse avalanche energy
(starting T
j
= 25 °C, I
D
= I
AR
, V
DD
= 50 V)
147
mJ
dv/dt
(3)
3.
I
SD
≤ 11 A, di/dt ≤ 400 A/μs; V
Peak
< V
(BR)DSS,
V
DD
≤ 80% V
(BR)DSS
Peak diode recovery voltage slope
15
V/ns
V
ISO
Insulation withstand voltage (RMS) from all three
leads to external heat sink
(t = 1 s; TC = 25 °C)
2500
V
T
stg
Storage temperature
- 55 to 150
°C
T
j
Max. operating junction temperature
150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
DPAK
TO-220FP I²PAKFP TO-220
R
thj-case
Thermal resistance junction-case max
1.14
5
1.14
°C/W
R
thj-amb
Thermal resistance junction-ambient
max
62.5
°C/W
R
thj-pcb
(1)
1.
When mounted on 1inch² FR-4 board, 2 oz Cu
Thermal resistance junction-pcb max
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com