| Electronic Components Datasheet Search |
|
STM8L051F3 Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L051F3 Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 46 page ![]() Functional overview STM8L051F3 12/46 Doc ID 022985 Rev 1 3.2 Central processing unit STM8 3.2.1 Advanced STM8 Core The 8-bit STM8 core is designed for code efficiency and performance with an Harvard architecture and a 3-stage pipeline. It contains 6 internal registers which are directly addressable in each execution context, 20 addressing modes including indexed indirect and relative addressing, and 80 instructions. Architecture and registers ● Harvard architecture ● 3-stage pipeline ● 32-bit wide program memory bus - single cycle fetching most instructions ● X and Y 16-bit index registers - enabling indexed addressing modes with or without offset and read-modify-write type data manipulations ● 8-bit accumulator ● 24-bit program counter - 16-Mbyte linear memory space ● 16-bit stack pointer - access to a 64-Kbyte level stack ● 8-bit condition code register - 7 condition flags for the result of the last instruction Addressing ● 20 addressing modes ● Indexed indirect addressing mode for lookup tables located anywhere in the address space ● Stack pointer relative addressing mode for local variables and parameter passing Instruction set ● 80 instructions with 2-byte average instruction size ● Standard data movement and logic/arithmetic functions ● 8-bit by 8-bit multiplication ● 16-bit by 8-bit and 16-bit by 16-bit division ● Bit manipulation ● Data transfer between stack and accumulator (push/pop) with direct stack access ● Data transfer using the X and Y registers or direct memory-to-memory transfers 3.2.2 Interrupt controller The low density value line STM8L05xxx features a nested vectored interrupt controller: ● Nested interrupts with 3 software priority levels ● 32 interrupt vectors with hardware priority ● Up to 17 external interrupt sources on 11 vectors ● Trap and reset interrupts |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |