Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L152M8T6 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM8L152M8T6
Description  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152M8T6 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM8L152M8T6 Datasheet HTML 34Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 35Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 36Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 37Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 38Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 39Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 40Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 41Page - STMicroelectronics STM8L152M8T6 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 134 page
background image
Pin description
STM8L15xx8, STM8L15xR6
38/134
DocID17943 Rev 6
Note:
Slope control of all GPIO pins can be programmed except true open drain pins and by
default is limited to 2 MHz.
System configuration options
As shown in Table 5: High density and medium+ density STM8L15x pin description, some
alternate functions can be remapped on different I/O ports by programming one of the two
remapping registers described in the “Routing interface (RI) and system configuration
controller” section in the STM8L05xx, STM8L15xx and STM8L16xx reference manual
(RM0031).
5. In the 5 V tolerant I/Os, the protection diode to VDD is not implemented.
6. In the open-drain output column, ‘T’ defines a true open-drain I/O (P-buffer, weak pull-up and protection diode to VDD are
not implemented).
7. Available on STM8L152xx devices only. On STM8L151xx devices it is reserved and must be tied to VDD.
8. The PA0 pin is in input pull-up during the reset phase and after reset release.
9. High Sink LED driver capability available on PA0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com