Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L152C8 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM8L152C8
Description  8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152C8 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM8L152C8 Datasheet HTML 28Page - STMicroelectronics STM8L152C8 Datasheet HTML 29Page - STMicroelectronics STM8L152C8 Datasheet HTML 30Page - STMicroelectronics STM8L152C8 Datasheet HTML 31Page - STMicroelectronics STM8L152C8 Datasheet HTML 32Page - STMicroelectronics STM8L152C8 Datasheet HTML 33Page - STMicroelectronics STM8L152C8 Datasheet HTML 34Page - STMicroelectronics STM8L152C8 Datasheet HTML 35Page - STMicroelectronics STM8L152C8 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 134 page
background image
Pin description
STM8L15xx8, STM8L15xR6
32/134
DocID17943 Rev 6
29 25 20
PD0/TIM3_CH2/
[ADC1_TRIG](2)/
LCD_SEG7(3)/ADC1_IN22/
[COMP2_INP]
I/O FT(5) X
XX HS X
X Port D0
Timer 3 - channel 2 /
[ADC1_Trigger] / LCD
segment 7 / ADC1_IN22 /
[Comparator 2 positive input]
30 26 21
PD1/TIM3_ETR/
LCD_COM3(3)/ADC1_IN21/
[COMP1_INP]//
[COMP2_INP]
I/O FT(5) X
XX HS X
X Port D1
Timer 3 - trigger /
LCD_COM3 / ADC1_IN21 /
[Comparator 1 positive input]
/[Comparator 2 positive
input]
31 27 22
PD2/TIM1_CH1
/LCD_SEG8(3)/ADC1_IN20/
[COMP1_INP]
I/O FT(5) X
XX HS X
X Port D2
Timer 1 - channel 1 / LCD
segment 8 / ADC1_IN20/
[Comparator 1 positive input]
32 28 23
PD3/ TIM1_ETR/
LCD_SEG9(3)/
ADC1_IN19/
[COMP1_INP]
I/O FT(5) X
XX HS X
X Port D3
Timer 1 - trigger /
LCD segment 9 /
ADC1_IN19/ [Comparator 1
positive input]
57 45
-
PD4/TIM1_CH2
/LCD_SEG18(3)/
ADC1_IN10/
[COMP1_INP]
I/O FT(5) X
XX HS X
X Port D4
Timer 1 - channel 2 / LCD
segment 18 / ADC1_IN10/
[Comparator 1 positive input]
--
33
PD4/TIM1_CH2
/LCD_SEG18(3)/
ADC1_IN10/SPI2_MISO/
[COMP1_INP]
I/O FT(5) X
XX HS X
X Port D4
Timer 1 - channel 2 / LCD
segment 18 /
ADC1_IN10/SPI2 master
in/slave out/ [Comparator 1
positive input]
58 46
-
PD5/TIM1_CH3
/LCD_SEG19(3)/
ADC1_IN9/
[COMP1_INP]
I/O FT(5) X
XX HS X
X Port D5
Timer 1 - channel 3 / LCD
segment 19 / ADC1_IN9/
[Comparator 1 positive input]
--
34
PD5/TIM1_CH3
/LCD_SEG19(3)/
ADC1_IN9/SPI2_MOSI/
[COMP1_INP]
I/O FT(5) X
XX HS X
X Port D5
Timer 1 - channel 3 / LCD
segment 19 / ADC1_IN9/
SPI2 master out/slave in/
[Comparator 1 positive input]
Table 5. High density and medium+ density STM8L15x pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com