Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT14PW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT14PW
Description  HEX SCHMITT-TRIGGER INVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT14PW Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT14PW Datasheet HTML 1Page - Texas Instruments SN74ACT14PW Datasheet HTML 2Page - Texas Instruments SN74ACT14PW Datasheet HTML 3Page - Texas Instruments SN74ACT14PW Datasheet HTML 4Page - Texas Instruments SN74ACT14PW Datasheet HTML 5Page - Texas Instruments SN74ACT14PW Datasheet HTML 6Page - Texas Instruments SN74ACT14PW Datasheet HTML 7Page - Texas Instruments SN74ACT14PW Datasheet HTML 8Page - Texas Instruments SN74ACT14PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SN54ACT14, SN74ACT14
HEX SCHMITT TRIGGER INVERTER
SCAS557H − DECEMBER 1995 − REVISED NOVEMBER 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 4.5-V to 5.5-V VCC Operation
D Inputs Accept Voltages to 5.5 V
D Max tpd of 11 ns at 5 V
D Inputs Are TTL-Voltage Compatible
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
SN54ACT14 . . . FK PACKAGE
(TOP VIEW)
SN54ACT14 ...J OR W PACKAGE
SN74ACT14 . . . D, DB, N, NS. OR PW PACKAGE
(TOP VIEW)
NC − No internal connection
description/ordering information
These Schmitt-trigger devices contain six independent inverters. They perform the Boolean function Y = A.
Because of the Schmitt action, they have different input threshold levels for positive-going (VT+) and for
negative-going (VT−) signals.
These circuits are temperature compensated and can be triggered from the slowest of input ramps and still give
clean, jitter-free output signals. They also have a greater noise margin than conventional inverters.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74ACT14N
SN74ACT14N
SOIC − D
Tube
SN74ACT14D
ACT14
SOIC − D
Tape and reel
SN74ACT14DR
ACT14
−40
°C to 85°C
SOP − NS
Tape and reel
SN74ACT14NSR
ACT14
−40 C to 85 C
SSOP − DB
Tape and reel
SN74ACT14DBR
AD14
TSSOP − PW
Tube
SN74ACT14PW
AD14
TSSOP − PW
Tape and reel
SN74ACT14PWR
AD14
CDIP − J
Tube
SNJ54ACT14J
SNJ54ACT14J
−55
°C to 125°C
CFP − W
Tube
SNJ54ACT14W
SNJ54ACT14W
−55 C to 125 C
LCCC − FK
Tube
SNJ54ACT14FK
SNJ54ACT14FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
(each inverter)
INPUT
A
OUTPUT
Y
H
L
L
H
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74ACT14PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT14PW TI-SN74ACT14PW Datasheet
526Kb / 15P
HEX SCHMITT-TRIGGER INVERTER
SN74ACT14PW TI-SN74ACT14PW Datasheet
1Mb / 36P
SNx4ACT14 Hex Schmitt-Trigger Inverter
NOVEMBER 2024
SN74ACT14PW TI1-SN74ACT14PW Datasheet
2Mb / 40P
SNx4ACT14 Hex Schmitt-Trigger Inverter
NOVEMBER 2024
SN74ACT14PWR TI-SN74ACT14PWR Datasheet
526Kb / 15P
HEX SCHMITT-TRIGGER INVERTER
SN74ACT14PWR TI-SN74ACT14PWR Datasheet
1Mb / 36P
SNx4ACT14 Hex Schmitt-Trigger Inverter
NOVEMBER 2024
More results

Similar Description - SN74ACT14PW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
HEX SCHMITT-TRIGGER INVERTER
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
HEX SCHMITT-TRIGGER INVERTER
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
Hex Inverter Schmitt Trigger
logo
Texas Instruments
74ACT11014 TI1-74ACT11014 Datasheet
88Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
CD74AC14 TI1-CD74AC14_14 Datasheet
594Kb / 12P
Hex Schmitt-trigger inverter
SN74ALVC14 TI1-SN74ALVC14_15 Datasheet
686Kb / 17P
HEX SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com