Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS8297CT Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS8297CT
Description  STEPPER MOTOR CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS8297CT Datasheet(HTML) 1 Page - LSI Computer Systems

  LS8297CT Datasheet HTML 1Page - LSI Computer Systems LS8297CT Datasheet HTML 2Page - LSI Computer Systems LS8297CT Datasheet HTML 3Page - LSI Computer Systems LS8297CT Datasheet HTML 4Page - LSI Computer Systems LS8297CT Datasheet HTML 5Page - LSI Computer Systems LS8297CT Datasheet HTML 6Page - LSI Computer Systems LS8297CT Datasheet HTML 7Page - LSI Computer Systems LS8297CT Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STEPPER MOTOR CONTROLLER
FEATURES:
• Controls Bipolar and Unipolar Motors
• Cost-effective,
low current, pin compatible replacement for L297
• Torque ripple compensated half-steps
- LS8297CT
• Half and full step modes
• Normal/wave drive
• Direction control
• Reset input
• Step control input
• Enable input
• PWM chopper circuit for current control
• Two over current sensor comparators with external references input
• All inputs and outputs TTL/CMOS compatible (TTL for 5V operation)
•
Supply current < 400uA
• 4.75 to 7V Operation (VDD – VSS).
•
LS8297 (DIP), LS8297-S (SOIC), LS8297-TS (TSSOP)
LS8297CT (DIP), LS8297CT-S (SOIC), LS8297CT-TS (TSSOP)
– See Figure 1 –
April 2009
8297-042009-1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
LS8297
LS8297CT
DESCRIPTION:
The
LS8297 Stepper Motor Controller generates four phase drive signal
outputs for controlling two phase Bipolar and four phase Unipolar mo-
tors. The outputs are used to drive two H-bridges for the two motor
windings in the Bipolar motor or the four driver transistors for the two
center- tapped windings in the Unipolar motor. The motor can be driven
in full step mode either in normal drive (two-phase-on) or wave drive
(one-phase-on) and half step mode. The
LS8297 provides two inhibit
outputs which are used to control the driver stages of each of the motor
phases. The circuit uses STEP, FRD/REV and HALF/FULL inputs in a
translator to generate controls for the output stages.
A dual PWM chopper circuit using an on-chip oscillator, latches and volt-
age comparators are used to regulate the current in the motor windings.
For each pair of phase driver outputs (PHA, PHB, and PHC, PHD) each
pulse of the common internal oscillator sets the latch and enables the
output. If the current in the motor winding causes the voltage across a
sense resistor to exceed the reference voltage, VREF, at the comparator
inputs, the latch is reset disabling the output until the next oscillator
pulse.
The CONTROL input determines whether the chopper acts on the
phase driver outputs or the inhibit outputs. When the phase lines are
chopped, the non-active phase line of each pair (PHA, PHB or PHC,
PHD) is activated rather than de-activating the active line to reduce dis-
sipation in the load sensing resistors. Refer to Figure 5B for Bipolar mo-
tors. If PHA is high and PHB is low, current flows through Q1, motor
winding, Q4 and sense resistor Rs. When chopping occurs, PHB is
brought high and circulating current flows through Q1 and D3 and not
through Rs resulting in less power dissipation in Rs. Current decay is
slow using this method. When the Control input is brought low, chopping
occurs by bringing INH1 low. In this case circulating current flows
through D2, motor winding and D3 and through the power supply to
ground causing the current to decay rapidly. For Unipolar motors, only
inhibit chopping is used. Refer to Figure 6. When INH1 is brought low
current in either half of the center tapped motor winding recir-
culates through the diode across it.
LS8297CT is the torque ripple compensated version of the
LS8297. Torque imbalance resulting from alternating “one-
phase on”, “two-phase on” sequence of the half-step mode
(see Figure 4) is eliminated in the
LS8297CT by switching the
sense reference voltage between 100% and 70.7% in alter-
nate steps.
INPUT/OUTPUT DESCRIPTION:
OSC Input
An RC input with the resistor connected to VDD and the ca-
pacitor connected to ground determines the oscillator chopper
rate. When connected as an oscillator, the oscillator output
appears as a negative-going pulse at the Sync pin. If the Os-
cillator pin is tied to ground, the Sync pin becomes an input.
Osc frequency, fosc = 1/0.69RC
SYNC
As an output the Sync can be used to drive Sync pins of other
LS8297s. This eliminates the need for RC components for
any other
LS8297 controllers used in the system. As an input
the Sync can be driven by the
LS8297 that has the RC oscilla-
tor components or by any other system external clock.
UL
®
A3800
1
FIGURE 1
2
3
4
5
6
20
19
18
17
16
15
7
8
9
10
14
13
12
11
SYNC
VSS
HOME
PHD
ENABLE
RESET
FWD/REV
OSC
VREF
SENSE1
SENSE2
VDD
CONTROL
PHA
PHC
HALF/FULL
STEP
INH2
PHB
INH1
PIN ASSIGNMENT
TOP VIEW


Similar Part No. - LS8297CT

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS8292 LSI-LS8292 Datasheet
963Kb / 13P
MICRO-STEPPING MOTOR CONTROLLER
LS8293 LSI-LS8293 Datasheet
963Kb / 13P
MICRO-STEPPING MOTOR CONTROLLER
More results

Similar Description - LS8297CT

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM310 ELM-ELM310 Datasheet
37Kb / 5P
STEPPER MOTOR CONTROLLER
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
ELM312 ELM-ELM312 Datasheet
31Kb / 5P
STEPPER MOTOR CONTROLLER
ELM313 ELM-ELM313 Datasheet
32Kb / 5P
STEPPER MOTOR CONTROLLER
logo
Texas Instruments
DRV8811 TI-DRV8811_11 Datasheet
1,023Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
STEPPER MOTOR CONTROLLER IC
logo
LSI Computer Systems
LS7290 LSI-LS7290 Datasheet
430Kb / 9P
STEPPER MOTOR CONTROLLER
LS8397 LSI-LS8397 Datasheet
229Kb / 8P
STEPPER MOTOR CONTROLLER
logo
Texas Instruments
DRV8825 TI1-DRV8825_16 Datasheet
1Mb / 32P
Stepper Motor Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com