Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CI160808-R18J Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CI160808-R18J
Description  Multi-Layer Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CI160808-R18J Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CI160808-R18J Datasheet HTML 1Page - Bourns Electronic Solutions CI160808-R18J Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex..
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CI160808 Series - Multi-Layer Chip Inductors
Bourns Part No.
Inductance
Q
Test Freq.
SRF MHz
DCR
I rms
nH
Tol. %
min.
L,Q MHz
min.
typ.
ohm max.
mA max.
CI160808-1N0D
1.0
±0.3 nH
8
100
4000
13000
0.10
300
CI160808-1N2D
1.2
±0.3 nH
8
100
4000
13000
0.10
300
CI160808-1N5D
1.5
±0.3 nH
8
100
4000
10000
0.10
300
CI160808-1N8D
1.8
±0.3 nH
8
100
3800
10000
0.12
300
CI160808-2N2D
2.2
±0.3 nH
8
100
3600
10000
0.16
300
CI160808-2N7D
2.7
±0.3 nH
8
100
3400
8000
0.20
300
CI160808-3N3D
3.3
±0.3 nH
10
100
3200
6000
0.22
300
CI160808-3N9D
3.9
±0.3 nH
10
100
3000
6000
0.25
300
CI160808-4N7D
4.7
±0.3 nH
10
100
2800
5000
0.28
300
CI160808-5N6D
5.6
±0.3 nH
10
100
2700
5000
0.29
300
CI160808-6N8J
6.8
±5
10
100
2600
4000
0.30
300
CI160808-8N2J
8.2
±5
10
100
2200
4000
0.33
300
CI160808-10NJ
10
±5
10
100
1800
3000
0.35
300
CI160808-12NJ
12
±5
10
100
1650
2700
0.40
300
CI160808-15NJ
15
±5
10
100
1350
2400
0.45
300
CI160808-18NJ
18
±5
10
100
1350
2050
0.50
300
CI160808-22NJ
22
±5
10
100
1100
1850
0.55
300
CI160808-27NJ
27
±5
10
100
1100
1750
0.60
300
CI160808-33NJ
33
±5
10
100
1000
1500
0.65
300
CI160808-39NJ
39
±5
10
100
900
1350
0.70
300
CI160808-47NJ
47
±5
10
100
800
1200
0.90
300
CI160808-56NJ
56
±5
10
100
750
1150
1.00
300
CI160808-68NJ
68
±5
10
100
700
1000
1.20
300
CI160808-82NJ
82
±5
10
100
600
900
1.50
300
CI160808-R10J
100
±5
10
100
500
850
1.70
300
CI160808-R12J
120
±5
8
50
500
850
2.00
250
CI160808-R15J
150
±5
8
50
500
680
2.40
200
CI160808-R18J
180
±5
8
50
400
500
2.70
200
CI160808-R22J
220
±5
8
50
350
500
2.80
200
9.0
(.354)
12.0
(.472)
2.0 ± 0.5
(.079 ± .020)
50.0
(1.969)
178.0
(7.00)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
21.0 ± 0.8
(.827 ± .031)
Packaging Specifications
Features
0603 size
Available in E12 Series
High frequency
Nickel barrier
Applications
Mobile phones
Cellular phones
CTV, VCR, HIC, FDD
Automotive electronics
Electrical Specifications
Product Dimensions
Recommended Layout
1.6 ± 0.15
(.063 ± .006)
0.5
(.020)
MAX.
0.8 ± 0.15
(.031 ± .006)
0.8 ± 0.15
(.031 ± .006)
General Specifications
Temperature Rise
...................20 ˚C max. at rated current
Operating Temperature .-55 °C to +125 °C
Storage Temperature..-55 °C to +125 °C
Reflow Soldering ...230 °C, 50 sec. max.
Resistance to Soldering Heat
...............................260 ˚C, 10 seconds
Materials
Base Material .............................Ceramic
Terminal.....................................Ag/Ni/Sn
Packaging..................4,000 pcs. per reel
1.3
(.051)
REF.
REF.
0.5
(0.02)
REF.
1.0
(.039)
REF.
1.0
(.039)
DIMENSIONS:
MM
(INCHES)


Similar Part No. - CI160808-R18J

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CI160808-R18J BOURNS-CI160808-R18J Datasheet
253Kb / 2P
Multi-Layer Chip Inductors
logo
FENGJUI TECHNOLOGY CO.,...
CI160808-R18J FENGJUI-CI160808-R18J Datasheet
227Kb / 7P
EMI SOLOTION PRODUCTS-RoHS
More results

Similar Description - CI160808-R18J

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CI100505 BOURNS-CI100505 Datasheet
434Kb / 2P
Multi-Layer Chip Inductors
CI201210 BOURNS-CI201210 Datasheet
751Kb / 2P
Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808 Datasheet
253Kb / 2P
Multi-Layer Chip Inductors
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
Ferrite Multi-Layer Chip Inductors
CE201210 BOURNS-CE201210 Datasheet
208Kb / 2P
Multi-Layer Chip Inductors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
Multi-layer Chip Inductors - Ceramic
logo
Bourns Electronic Solut...
CE201210 BOURNS-CE201210_12 Datasheet
259Kb / 2P
Multi-Layer Chip Inductors
CI100505 BOURNS-CI100505_12 Datasheet
103Kb / 2P
Multi-Layer Chip Inductors
logo
Central Technologies
CT0201F CT-CT0201F Datasheet
86Kb / 1P
Multi-layer Chip Inductors
CTLL2012F-FH CT-CTLL2012F-FH Datasheet
306Kb / 1P
Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com