Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4550EMLQTP Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC18F4550EMLQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550EMLQTP Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC18F4550EMLQTP Datasheet HTML 67Page - Microchip Technology PIC18F4550EMLQTP Datasheet HTML 68Page - Microchip Technology PIC18F4550EMLQTP Datasheet HTML 69Page - Microchip Technology PIC18F4550EMLQTP Datasheet HTML 70Page - Microchip Technology PIC18F4550EMLQTP Datasheet HTML 71Page - Microchip Technology PIC18F4550EMLQTP Datasheet HTML 72Page - Microchip Technology PIC18F4550EMLQTP Datasheet HTML 73Page - Microchip Technology PIC18F4550EMLQTP Datasheet HTML 74Page - Microchip Technology PIC18F4550EMLQTP Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 430 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39632D-page 69
PIC18F2455/2550/4455/4550
EEADR
EEPROM Address Register
0000 0000
53, 89
EEDATA
EEPROM Data Register
0000 0000
53, 89
EECON2
EEPROM Control Register 2 (not a physical register)
0000 0000
53, 80
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
xx-0 x000
53, 81
IPR2
OSCFIP
CMIP
USBIP
EEIP
BCLIP
HLVDIP
TMR3IP
CCP2IP
1111 1111
54, 107
PIR2
OSCFIF
CMIF
USBIF
EEIF
BCLIF
HLVDIF
TMR3IF
CCP2IF
0000 0000
54, 103
PIE2
OSCFIE
CMIE
USBIE
EEIE
BCLIE
HLVDIE
TMR3IE
CCP2IE
0000 0000
54, 105
IPR1
SPPIP(3)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
1111 1111
54, 106
PIR1
SPPIF(3)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000
54, 102
PIE1
SPPIE(3)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000
54, 104
OSCTUNE
INTSRC
—
—
TUN4
TUN3
TUN2
TUN1
TUN0
0--0 0000
54, 28
TRISE(3)
—
—
—
—
—
TRISE2
TRISE1
TRISE0
---- -111
54, 124
TRISD(3)
TRISD7
TRISD6
TRISD5
TRISD4
TRISD3
TRISD2
TRISD1
TRISD0
1111 1111
54, 122
TRISC
TRISC7
TRISC6
—
—
—
TRISC2
TRISC1
TRISC0
11-- -111
54, 119
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
1111 1111
54, 116
TRISA
—
TRISA6(4)
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
-111 1111
54, 113
LATE(3)
—
—
—
—
—
LATE2
LATE1
LATE0
---- -xxx
54, 124
LATD(3)
LATD7
LATD6
LATD5
LATD4
LATD3
LATD2
LATD1
LATD0
xxxx xxxx
54, 122
LATC
LATC7
LATC6
—
—
—
LATC2
LATC1
LATC0
xx-- -xxx
54, 119
LATB
LATB7
LATB6
LATB5
LATB4
LATB3
LATB2
LATB1
LATB0
xxxx xxxx
54, 116
LATA
—LATA6(4)
LATA5
LATA4
LATA3
LATA2
LATA1
LATA0
-xxx xxxx
54, 113
PORTE
RDPU(3)
—
—
—RE3(5)
RE2(3)
RE1(3)
RE0(3)
0--- x000
54, 123
PORTD(3)
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
54, 122
PORTC
RC7
RC6
RC5(6)
RC4(6)
—
RC2
RC1
RC0
xxxx -xxx
54, 119
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
54, 116
PORTA
—RA6(4)
RA5
RA4
RA3
RA2
RA1
RA0
-x0x 0000
54, 113
UEP15
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
55, 169
UEP14
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
55, 169
UEP13
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
55, 169
UEP12
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
55, 169
UEP11
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
55, 169
UEP10
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
55, 169
UEP9
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
55, 169
UEP8
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
55, 169
UEP7
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
55, 169
UEP6
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
55, 169
UEP5
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
55, 169
UEP4
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
55, 169
UEP3
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
55, 169
UEP2
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
55, 169
UEP1
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
55, 169
UEP0
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
55, 169
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F2455/2550/4455/4550) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition. Shaded cells are unimplemented, read as ‘0’.
Note
1:
Bit 21 of the TBLPTRU allows access to the device Configuration bits.
2:
The SBOREN bit is only available when BOREN<1:0> = 01; otherwise, the bit reads as ‘0’.
3:
These registers and/or bits are not implemented on 28-pin devices and are read as ‘0’. Reset values are shown for 40/44-pin devices;
individual unimplemented bits should be interpreted as ‘-’.
4:
RA6 is configured as a port pin based on various primary oscillator modes. When the port pin is disabled, all of the associated bits read ‘0’.
5:
RE3 is only available as a port pin when the MCLRE Configuration bit is clear; otherwise, the bit reads as ‘0’.
6:
RC5 and RC4 are only available as port pins when the USB module is disabled (UCON<3> = 0).
7:
I2C Slave mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com