Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B02B-PASK Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # B02B-PASK
Description  FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B02B-PASK Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button B02B-PASK Datasheet HTML 3Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 4Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 5Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 6Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 7Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 8Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 9Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 10Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
414
414
2.0
2.0
8.0
13.0
A
B
Circuit No.1
Circuits
Model No.
Material and Finish
AB
Dimensions(mm)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
*16
02PAF-6S
03PAF-6S
04PAF-6S
05PAF-6S
06PAF-6S
07PAF-6S
08PAF-6S
09PAF-6S
10PAF-6S
11PAF-6S
12PAF-6S
13PAF-6S
14PAF-6S
15PAF-6S
16PAF-6S
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
1,000
1,000
500
500
500
500
250
250
250
250
250
250
250
250
250
Contact: Phosphor bronze, tin-plated (reflow treatment)
Housing: PA 66, UL94V-0, natural (white)
Q'ty /
box
4.1
8.9
Circuits
Model No.
Material
AB
Dimensions(mm)
2
3
4
5
6
7
8
* 9
*10
*11
*12
*13
*14
*15
PAFS-02V-S
PAFS-03V-S
PAFS-04V-S
PAFS-05V-S
PAFS-06V-S
PAFS-07V-S
PAFS-08V-S
PAFS-09V-S
PAFS-10V-S
PAFS-11V-S
PAFS-12V-S
PAFS-13V-S
PAFS-14V-S
PAFS-15V-S
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
7.4
9.4
11.4
13.4
15.4
17.4
19.4
21.4
23.4
25.4
27.4
29.4
31.4
33.4
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
Glass-filled PA 66, UL94V-0, natural (ivory)
Q'ty /
bag
PA FAMILY SERIES /PAF CONNECTOR (Insulation displacement type)
Receptacle
RoHS compliance
Note: *Marked product is not UL/CSA approved.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
02PAF-6S-
S…natural (white)
R…red E…blue M…green Y…yellow
RoHS compliance
Note: *Marked products are not UL/CSA approved.
Retainer



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com