Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTO2019SW Datasheet(PDF) 1 Page - Amphenol Corporation

Part # RTO2019SW
Description  RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RTO2019SW Datasheet(HTML) 1 Page - Amphenol Corporation

  RTO2019SW Datasheet HTML 1Page - Amphenol Corporation RTO2019SW Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RT360
Circular Connectors
RT360™ industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
arrangements with a variety of wire gauge options. RT360 industrial circular connectors were designed to be
intermateable with other industry standard connectors, such as the Souriau TRIM TRIO UTG and UTP industrial
connector families and Cannon Trident series.
Shells
Zinc Alloy
Backshells and
Cable Glands
Coupling Ring
Aluminum
Coupling Spring
Spring Stainless Steel
Interfacial Seal
Silicone
Insert
Glass-filled Thermoplast UL94-V0
Finish
Nickel
RoHS Compliant
Yes
Operating Temp
-40°C to +105°C
Insulation Resistance
5000 MΩ min.
Durability
500 matings and unmatings
Vibration Resistance
per MIL-STD202 method 204
Thermal Shock
per MIL-STD202 method 207
Corrosion
Salt spray per MIL-STD 202, method 101; 48h
(standard version), 96h (black anodised
coupling ring) *Higher salt spray resistance
(200/500h) upon request.
Degree of Water
Protection per DIN 40050
Dynamic IP67 / IP68 in mated condition and
in combination with sealed back shell.
Features & Benefits
RT Series
• 6shellsizesand11insertconfigurations
• Offer standard insert arrangements from 4-28 contacts,
mixed Power and Signal arrangements
Operating voltage of 300V
Current rating: 13A(signal contacts)
Alternate keying positions available
PlasticinsertswithflammabilityratingofUL94-VO
RoHS compliant
RTOW Series
6shellsizesand5insertconfigurations
MatingwithMIL-C-24682seriesconnectors
High density arrangements from 6-32 contacts
Operating voltage of 150V
Current rating of 7.5A with machined contacts
and 5A with stamped and formed contacts
Alternate keying positions available
PlasticinsertswithflammabilityratingofUL94-VO
RoHS compliant
RTHP Series
4shellsizesand5insertconfigurations
Single pole High Power arrangements
3.6mm-10mm contact sizes
Operating voltage of 630V
Current rating: 56A-455A (see page 5)
PlasticinsertswithflammabilityratingofUL94-VO
RoHS compliant
Part Ordering Guide : RT/RTOW/RTHP Series Plugs & Receptacles ReferenceRT360™CircularConnectorCatalog.
RT
O
16
19
P
N
*
*
*
SERIES
SHELL TYPE
SHELL SIZE
INSERT
ARRANGEMENT
TYPE OF
CONTACTS
INSERT
POLARIZATION
APPLICATION
PLATING
DESIGN
VARIATION
RT
O:
Standard
10, *12, *14, *16, 18, *20
See Catalog
P:
Pin Contacts
N:
Standard
See Catalog
See Catalog
See Catalog
RTOW
6:
High Density
*RTHP Only
S:
Socket Contacts
*W, X, Y, Z:
Custom orientation
RTHP
7:
Jam Nut Recep.
*RT/RTOW Only
www.sineco.com


Similar Part No. - RTO2019SW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RTO20 VISHAY-RTO20 Datasheet
97Kb / 4P
Power Resistors Thick Film Technology
05-Jun-07
More results

Similar Description - RTO2019SW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM21TPA-15S HIROSE-RM21TPA-15S Datasheet
795Kb / 15P
RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
RM21TPA-15S HIROSE-RM21TPA-15S_1 Datasheet
774Kb / 13P
RM SERIES SHELL SIZE 12-31mm CIRCULAR CONNECTORS
logo
3M Electronics
6298 3M-6298 Datasheet
71Kb / 4P
3M??Cable Ties are molded from 6/6 nylon and are available in a variety of sizes and styles, including weather resistant black for outdoor use.
logo
Vishay Siliconix
NTHS0805N06N2001JE VISHAY-NTHS0805N06N2001JE Datasheet
95Kb / 4P
Extended resistance values available in standard sizes
25-Jan-12
logo
Amphenol Corporation
RT360 AMPHENOL-RT360 Datasheet
4Mb / 18P
industrial circular connectors are multiway connector available in 6 shell sizes
logo
PHOENIX CONTACT
1607689 PHOENIX-1607689 Datasheet
17Mb / 64P
Industrial Circular Connectors
logo
Xilinx, Inc
XCR22LV10 XILINX-XCR22LV10 Datasheet
209Kb / 14P
Available in commercial and industrial operating ranges
logo
TT Electronics.
MIL-CHIP TTELEC-MIL-CHIP Datasheet
449Kb / 3P
Four industry standard sizes available
logo
PHOENIX CONTACT
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
A wide range of marker sizes and colors are available for custom designs
0803452 PHOENIX-0803452 Datasheet
55Kb / 2P
A wide range of marker sizes and colors are available for custom designs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com