Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX4HTEXT Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # CX4HTEXT
Description  HIGH TEMPERATURE CRYSTALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX4HTEXT Datasheet(HTML) 1 Page - STATEK CORPORATION

  CX4HTEXT Datasheet HTML 1Page - STATEK CORPORATION CX4HTEXT Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUGGESTED LAND PATTERN
DESCRIPTION
An increasing number of applications require the use of high-
temperature crystals. For these applications, Statek offers
the CX1HT EXT and CX4HT EXT crystals. These crystals
are designed to operate at temperatures up to 200ºC, and
feature an expected life in excess of 1,000 hours at these
temperatures. The frequency range offered is 530 kHz to 2.1
MHz for CX1HT EXT crystals and 600 kHz to 2.5 MHz for
CX4HT EXT crystals.
FEATURES
High temperature operation up to 200OC
High shock resistance
Low EMI emission
Hermetically sealed ceramic package
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
APPLICATIONS
Industrial
Downhole instrumentation
Rotary shaft sensors
Underground boring tools
PACKAGE DIMENSIONS
CX1HT EXT
CX4HT EXT
MAXIMUM
MAXIMUM
DIM
inches
mm
inches
mm
A
0.330
8.38
0.210
5.33
B
0.155
3.94
0.085
2.16
C (SM1) 0.070
1.78
0.050
1.27
C (SM5) 0.075
1.90
0.053
1.35
D
0.055
1.40
0.046
1.16
E
0.070
1.78
0.020
0.51
F
0.025
0.64
CX4HT EXT
HIGH TEMPERATURE CRYSTALS
High Temperature/Extensional Design
530 kHz - 2.1 MHz
600 kHz - 2.5 MHz
10185 Rev B
CX4HT EXT
DIMENSIONS
CX1HT EXT
CX4HT EXT
CX1HT EXT
CX1HT EXT


Similar Part No. - CX4HTEXT

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX4HT STATEK-CX4HT Datasheet
758Kb / 2P
HIGH TEMPERATURE CRYSTALS
logo
IQD Frequency Products ...
CX4HT-AT IQD-CX4HT-AT Datasheet
155Kb / 2P
Quartz Crystal Specification
CX4HT-EXT IQD-CX4HT-EXT Datasheet
134Kb / 2P
Quartz Crystal Specification
More results

Similar Description - CX4HTEXT

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
ATS-49 MTRONPTI-ATS-49 Datasheet
271Kb / 1P
Crystals
CIM MTRONPTI-CIM Datasheet
236Kb / 1P
Crystals
ATS12 MTRONPTI-ATS12 Datasheet
284Kb / 2P
Crystals
ATS49MP1 MTRONPTI-ATS49MP1 Datasheet
262Kb / 2P
Crystals
logo
EUROQUARTZ limited
X22 EUROQUARTZ-X22 Datasheet
95Kb / 1P
CRYSTALS
logo
MTRONPTI
ATS-1 MTRONPTI-ATS-1_07 Datasheet
314Kb / 2P
Crystals
logo
Pletronics, Inc.
CY39 PLETRONICS-CY39 Datasheet
40Kb / 1P
Crystals
logo
STATEK CORPORATION
CX1HT-06 STATEK-CX1HT-06 Datasheet
317Kb / 2P
HIGH TEMPERATURE CRYSTALS
CX1VHT STATEK-CX1VHT_11 Datasheet
267Kb / 2P
HIGH TEMPERATURE CRYSTALS
CX1HT STATEK-CX1HT Datasheet
758Kb / 2P
HIGH TEMPERATURE CRYSTALS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com