Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX2HSM Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # CX2HSM
Description  Miniature Surface Mount Quartz Crystal for Series Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX2HSM Datasheet(HTML) 1 Page - STATEK CORPORATION

  CX2HSM Datasheet HTML 1Page - STATEK CORPORATION CX2HSM Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
DESCRIPTION
The CX2HSM quartz crystals are leadless devices designed
for surface mounting on printed circuit boards or hybrid
substrates. These miniature crystals are intended to be
used in Series oscillators. They are hermetically sealed in a
rugged, miniature ceramic package. The CX2HSM crystal
is
manufactured
using
the
STATEK-developed
photolithographic process, and was designed utilizing the
experience acquired by producing millions of crystals for
industrial, commercial, military and medical applications.
Maximum process temperature should not exceed 260OC.
FEATURES
Miniature tuning fork design
High shock resistance
Compatible with hybrid or PC board packaging
Low aging
Full military testing available
Designed and manufactured in the USA
CX2HSM CRYSTAL
16 kHz to 600 kHz
Miniature Surface Mount
Quartz Crystal for Series Oscillators
C
B
1
2
3
D
F
G
E
H
I
A
TYP.
MAX.
DIM
inches
mm
inches
mm
A
0.260
6.60
0.275
6.99
B
0.094
2.39
0.108
2.74
C
-
-
see below
D
0.035
0.89
0.045
1.14
E
0.059
1.50
0.069
1.75
F
0.050
1.27
0.060
1.52
G
0.105
2.67
0.115
2.92
H
0.155
3.94
0.165
4.19
I
0.210
5.33
0.220
5.59
DIM “C”
GLASS LID
CERAMIC LID
MAX
inches
mm
inches
mm
SM1
0.065
1.65
0.075
1.91
SM2/SM4
0.067
1.70
0.077
1.96
SM3/SM5
0.070
1.78
0.080
2.03
10137 - Rev C
PACKAGE DIMENSIONS
SUGGESTED LAND PATTERN
C0
C1
R1
2
1
L1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
GRID
COURTYARD
0.113
(2.87)
0.060
inches (mm)
(1.52)
0.105 (2.67)
0.060 (1.52)
1
2
actual size
side view
Note: Terminal 1 is electrically connected internally to terminal 3
BUFFER
CX-2H XTAL
OSCILLATOR
Contact factory for
design guidelines
Glass Lid Shown
CONVENTIONAL SERIES
OSCILLATOR CIRCUIT


Similar Part No. - CX2HSM

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX2HSM STATEK-CX2HSM Datasheet
469Kb / 2P
Miniature Surface Mount Quartz Crystal for Series Oscillators
logo
RSG Electronic Componen...
CX2HSM RSG-CX2HSM Datasheet
512Kb / 2P
Miniature Surface Mount Quartz Crystal for Series Oscillators
logo
EUROQUARTZ limited
CX2HSM EUROQUARTZ-CX2HSM Datasheet
300Kb / 2P
Frequency Range 16kHz to 600kHz
logo
RSG Electronic Componen...
CX2HSM1 RSG-CX2HSM1 Datasheet
512Kb / 2P
Miniature Surface Mount Quartz Crystal for Series Oscillators
CX2HSM2 RSG-CX2HSM2 Datasheet
512Kb / 2P
Miniature Surface Mount Quartz Crystal for Series Oscillators
More results

Similar Description - CX2HSM

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX3VSM STATEK-CX3VSM Datasheet
467Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX1HSM STATEK-CX1HSM Datasheet
479Kb / 2P
Miniature Surface Mount Quartz Crystal for Series Oscillators
CX2VSM STATEK-CX2VSM Datasheet
467Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX2HSM STATEK-CX2HSM Datasheet
469Kb / 2P
Miniature Surface Mount Quartz Crystal for Series Oscillators
logo
RSG Electronic Componen...
CX1VSM RSG-CX1VSM Datasheet
533Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX2HSM RSG-CX2HSM Datasheet
512Kb / 2P
Miniature Surface Mount Quartz Crystal for Series Oscillators
logo
STATEK CORPORATION
CX1HSM STATEK-CX1HSM_08 Datasheet
463Kb / 2P
Miniature Surface Mount Quartz Crystal for Series Oscillators
CX1VSM STATEK-CX1VSM_08 Datasheet
447Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX2VSM STATEK-CX2VSM_08 Datasheet
285Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX3VSM STATEK-CX3VSM_08 Datasheet
128Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com