Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX3HSM Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # CX3HSM
Description  Low Profile Surface Mount Quartz Crystal for Series Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX3HSM Datasheet(HTML) 2 Page - STATEK CORPORATION

  CX3HSM Datasheet HTML 1Page - STATEK CORPORATION CX3HSM Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10146 - Rev E
SPECIFICATIONS
Specifications are typical at 25OC unless otherwise noted.
Specifications are subject to change without notice.
Frequency Range
18 kHz to 600 kHz
Functional Mode
Tuning Fork (Flexure)
Standard Calibration Tolerance1 (see table below)
Motional Resistance (R1)
See Figure 1
MAX: 18-25 kHz, 2x Typ.
25-600 kHz, 2.5x Typ.
Motional Capacitance (C1) Figure 2
Quality Factor (Q)
Figure 3
MIN is 0.25x Typ.
Shunt Capacitance (C0)
1.8 pF MAX.
Drive Level
18-24.9 kHz 0.5 µW MAX.
25-600 kHz 1.0 µW MAX.
Turning Point (T0)2
Figure 4
Temperature Coefficient (k) -0.035 ppm/0C2
Aging, first year
5 ppm MAX
Shock, survival3
1,500 g, 0.3 ms, 1/2 sine
Vibration, survival3
10 g RMS, 20-2,000 Hz random
Operating Temp. Range
-10OC to +70OC (Commercial)
-40OC to +85OC (Industrial)
-55OC to +125OC (Military)
Storage Temp. Range
-55OC to +125OC
Max Process Temperature 260OC for 20 sec.
1. Other calibration values available, consult factory.
2. Other turning point available.
3. Higher shock and vibration available.
CX3H Standard Calibration Tolerance at 25OC
Frequency Range (kHz)
18-74.9
75-169.9
170-249.9
250-600
30 ppm
50 ppm
100 ppm
200 ppm
(0.003%)
(0.005%)
(0.01%)
(0.02%)
100 ppm
100 ppm
200 ppm
500 ppm
(0.01%)
(0.01%)
(0.02%)
(0.05%)
1000 ppm
1000 ppm
2000 ppm
5000 ppm
(0.1%)
(0.1%)
(0.2%)
(0.5%)
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
HOW TO ORDER CX3HSM CRYSTALS
CX3H S
C
SM1
32.0K
,
30
/
I
TERMINATIONS
Designation
Termination
SM1
Gold Plated
SM2
Solder Plated
SM3
Solder Dipped
SM4
Solder Plated (Lead Free)
SM5
Solder Dipped (Lead Free)
PACKAGING OPTIONS
CX3HSM - Tray Pack
- Tape and Reel
(Reference tape and reel data sheet 10109)
1000
500
200
100
50
20
10
18
50
100
200
600
Frequency (kHz)
18
50
100
200
600
Frequency (kHz)
50
20
10
5
2
18
50
100 200
600
Frequency (kHz)
+80
+70
+60
+50
+40
+30
+20
+10
0
-10
-20
FIGURE 1
CX3H TYPICAL MOTIONAL RESISTANCE (R1)
FIGURE 2
CX3H TYPICAL MOTIONAL CAPACITANCE (C
1)
FIGURE 3
CX3H TYPICAL QUALITY FACTOR (Q)
FIGURE 4
CX3H TYPICAL TURNING POINT TEMP. (T
0)
5
2
1.0
0.5
18
50
100
200
600
Frequency (kHz)
Note: Frequency f at temperature T is related to frequency f0 at
turning point temperature T0 by:
“S” if special or
custom design.
Blank if Std.
Blank = Glass Lid
C = Ceramic Lid
SM1 = Gold Plated
SM2 = Solder Plated
SM3 = Solder Dipped
SM4 = Solder Plated (Lead Free)
SM5 = Solder Dipped (Lead Free)
Frequency
K = kHz
Calibration
Tolerance
@ 25OC
(in ppm)
Operating Temp. Range:
C = -10OC to +70OC
I = -40OC to +85OC
M = -55OC to +125OC
S = Customer Specified
f-f0
=
k(T-T0)
2
f0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com