Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCBMMCXFSTJSMTHT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PCBMMCXFSTJSMTHT
Description  MMCX SURFACE MOUNT JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCBMMCXFSTJSMTHT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PCBMMCXFSTJSMTHT Datasheet HTML 1Page - List of Unclassifed Manufacturers PCBMMCXFSTJSMTHT Datasheet HTML 2Page - List of Unclassifed Manufacturers PCBMMCXFSTJSMTHT Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPE-12-8-139/B/WY
Page 1 of 3
SPECIFICATION
Part No.
: PCB.MMCXFSTJ.SMT.HT
Product Name
: MMCX(F) Surface Mount Jack
Feature
: MMCX(F) Jack
Surface Mount PCB Jack
Frequency Range: DC up to 6GHz
Finish: Gold
Leg Length: 0.76mm
Total Length: 5mm
RoHS Compliant


Similar Part No. - PCBMMCXFSTJSMTHT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCBMMCXFSTJHT ETC2-PCBMMCXFSTJHT Datasheet
211Kb / 3P
MMCX(F) Jack . Vertical PCB Thru Hole Jack
More results

Similar Description - PCBMMCXFSTJSMTHT

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73415-1475 MOLEX2-73415-1475 Datasheet
159Kb / 3P
MMCX JACK, PCB MOUNT 50 OHMS MMCX-J/PCB
logo
Pasternack Enterprises,...
PE9522 PASTERNACK-PE9522 Datasheet
247Kb / 2P
MMCX Jack to MMCX Jack Bulkhead Adapter
PE9523 PASTERNACK-PE9523 Datasheet
75Kb / 1P
MMCX JACK TO MMCX JACK
logo
Molex Electronics Ltd.
73415-2063 MOLEX11-73415-2063 Datasheet
33Kb / 1P
50 Ohms, MMCX Jack, Vertical PCB Surface Mount
73415-3760 MOLEX11-73415-3760 Datasheet
38Kb / 1P
50 Ohms, MMCX Jack, Right-Angle, Surface Mount PCB Receptacle
logo
Adam Technologies, Inc.
RF12-500-2 ADAM-TECH-RF12-500-2 Datasheet
72Kb / 1P
MMCX JACK R/A PCB MOUNT
logo
Molex Electronics Ltd.
0734152063 MOLEX11-0734152063 Datasheet
46Kb / 1P
50 Ohms, MMCX Jack, Vertical PCB Surface Mount
0734153760 MOLEX11-0734153760 Datasheet
34Kb / 1P
50 Ohms, MMCX Jack, Right-Angle, Surface Mount PCB Receptacle,
logo
Linx Technologies
CONMMCX001-SMD LINX-CONMMCX001-SMD Datasheet
235Kb / 2P
MMCX FEMALE SURFACE MOUNT
26-FEB-20
logo
List of Unclassifed Man...
135-3701-201 ETC1-135-3701-201 Datasheet
889Kb / 2P
MMCX Straight PC Mount Jack Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com