Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP61L256B Datasheet(PDF) 1 Page - AMIC Technology

Part # LP61L256B
Description  32K X 8 Bit High SPEED LOW VCC CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP61L256B Datasheet(HTML) 1 Page - AMIC Technology

  LP61L256B Datasheet HTML 1Page - AMIC Technology LP61L256B Datasheet HTML 2Page - AMIC Technology LP61L256B Datasheet HTML 3Page - AMIC Technology LP61L256B Datasheet HTML 4Page - AMIC Technology LP61L256B Datasheet HTML 5Page - AMIC Technology LP61L256B Datasheet HTML 6Page - AMIC Technology LP61L256B Datasheet HTML 7Page - AMIC Technology LP61L256B Datasheet HTML 8Page - AMIC Technology LP61L256B Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LP61L256B Series
32K X 8 Bit High SPEED LOW VCC CMOS SRAM
(August, 2001, Version 1.0)
1
AMIC Technology, Inc.
Features
n Single +3.3 volt power supply
n Access times: 12 ns (max.)
n Current: Operating: 100mA (max.)
Standby:
10mA (max.)
n Full static operation, no clock or refreshing required
n All inputs and outputs directly TTL compatible
n Common I/O using three-state output
n Data retention voltage: 2V (min.)
n Available in 28-pin SOJ and TSOP packages
General Description
The LP61L256B is a high-speed, low-power 262,144-bit
static random access memory organized as 32,768 words
by 8 bits that operates on a single 3.3V power supply.
Input and three-state outputs are TTL compatible and
allow for direct interfacing with common system bus
structures.
Minimum standby power is drawn by this device when CE
is at a high level, independent of the other input levels.
Data retention is guaranteed at a power supply voltage as
low as 2V.
Pin Configurations
n
n SOJ
n
n TSOP
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
GND
I/O4
I/O5
I/O6
I/O8
A11
A9
A8
A13
VCC
A10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
I/O7
OE
WE
1
14
15
28
CE
Pin No.
Pin
Name
Pin No.
Pin
Name
1
OE
2
A11
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
20
17
19
18
21
16
15
A9
A8
A13
WE
VCC
A14
A12
A10
A7
A6
A5
A4
A3
A2
A1
A0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 8
CE
GND


Similar Part No. - LP61L256B

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP61L256C AMICC-LP61L256C Datasheet
110Kb / 11P
32K X 8 BIT HIGH SPEED CMOS SRAM
LP61L256CS-12 AMICC-LP61L256CS-12 Datasheet
110Kb / 11P
32K X 8 BIT HIGH SPEED CMOS SRAM
LP61L256CS-15 AMICC-LP61L256CS-15 Datasheet
110Kb / 11P
32K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LP61L256B

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A615308 AMICC-A615308 Datasheet
199Kb / 12P
32K X 8 BIT HIGH SPEED CMOS SRAM
LP61L256C AMICC-LP61L256C Datasheet
110Kb / 11P
32K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
32K X 8 BIT HIGH SPEED CMOS SRAM
UT6164B ETC1-UT6164B Datasheet
163Kb / 9P
32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256 LYONTEK-LY61L256 Datasheet
165Kb / 12P
32K X 8 BIT HIGH SPEED CMOS SRAM
LY65W256 LYONTEK-LY65W256_12 Datasheet
328Kb / 12P
32K X 8 BIT HIGH SPEED CMOS SRAM
LY61256_1008 LYONTEK-LY61256_1008 Datasheet
232Kb / 13P
32K X 8 BIT HIGH SPEED CMOS SRAM
LY65256 LYONTEK-LY65256_12 Datasheet
325Kb / 12P
32K X 8 BIT HIGH SPEED CMOS SRAM
LY61256 LYONTEK-LY61256_17 Datasheet
895Kb / 15P
32K X 8 BIT HIGH SPEED CMOS SRAM
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com