Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM453232-R271L Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # CM453232-R271L
Description  SMT Chip Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CM453232-R271L Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  CM453232-R271L Datasheet HTML 1Page - Bourns Electronic Solutions CM453232-R271L Datasheet HTML 2Page - Bourns Electronic Solutions CM453232-R271L Datasheet HTML 3Page - Bourns Electronic Solutions CM453232-R271L Datasheet HTML 4Page - Bourns Electronic Solutions CM453232-R271L Datasheet HTML 5Page - Bourns Electronic Solutions CM453232-R271L Datasheet HTML 6Page - Bourns Electronic Solutions CM453232-R271L Datasheet HTML 7Page - Bourns Electronic Solutions CM453232-R271L Datasheet HTML 8Page - Bourns Electronic Solutions CM453232-R271L Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Chip Inductors - CM322522 Series Wirewound
Tighter tolerance available on request. Consult factory.
NOTE: 47 nH to 180 nH ‘air core’ / 220 nH to 220 uH ‘ferrite core’
<1>Enter tolerance code from standard or 1/2 tolerance column. Example: CM322522-1R0KL is standard tolerance; CM322522-1R0JL is 1/2 tolerance.
RoHS Compliant
1210 Size
Inductance
Std.
Std. Tol.
1/2
1/2 Tol.
Q
Test Freq.
SRF min.
RDC
IDC
Part Number
µH
Tolerance
Code
Tolerance
Code
min.
MHz
MHz
ohm max
mA max
CM322522-47NML
0.047
±20 %
M
N/A
N/A
10
100
680
0.20
450
CM322522-56NML
0.056
±20 %
M
N/A
N/A
10
100
600
0.22
420
CM322522-68NML
0.068
±20 %
M
N/A
N/A
10
100
540
0.25
400
CM322522-82NML
0.082
±20 %
M
N/A
N/A
10
100
500
0.27
380
CM322522-R10ML
0.10
±20 %
M
N/A
N/A
10
100
450
0.30
360
CM322522-R12ML
0.12
±20 %
M
N/A
N/A
10
25.2
400
0.67
240
CM322522-R15ML
0.15
±20 %
M
N/A
N/A
10
25.2
350
0.72
230
CM322522-R18ML
0.18
±20 %
M
N/A
N/A
10
25.2
320
0.81
220
CM322522-R22<1>L
0.22
±20 %
M
±10 %
K
25
25.2
230
0.29
360
CM322522-R27<1>L
0.27
±20 %
M
±10 %
K
25
25.2
210
0.32
345
CM322522-R33<1>L
0.33
±20 %
M
±10 %
K
25
25.2
190
0.35
330
CM322522-R39<1>L
0.39
±20 %
M
±10 %
K
25
25.2
175
0.39
305
CM322522-R47<1>L
0.47
±20 %
M
±10 %
K
25
25.2
160
0.44
290
CM322522-R56<1>L
0.56
±20 %
M
±10 %
K
25
25.2
150
0.49
275
CM322522-R68<1>L
0.68
±20 %
M
±10 %
K
25
25.2
135
0.55
260
CM322522-R82<1>L
0.82
±20 %
M
±10 %
K
25
25.2
125
0.61
245
CM322522-1R0<1>L
1.0
±10 %
K
±5 %
J
30
7.96
115
0.69
230
CM322522-1R2<1>L
1.2
±10 %
K
±5 %
J
30
7.96
100
0.75
215
CM322522-1R5<1>L
1.5
±10 %
K
±5 %
J
30
7.96
90
0.75
210
CM322522-1R8<1>L
1.8
±10 %
K
±5 %
J
30
7.96
85
0.82
200
CM322522-2R2<1>L
2.2
±10 %
K
±5 %
J
30
7.96
80
0.95
190
CM322522-2R7<1>L
2.7
±10 %
K
±5 %
J
30
7.96
75
1.1
180
CM322522-3R3<1>L
3.3
±10 %
K
±5 %
J
30
7.96
65
1.2
180
CM322522-3R9<1>L
3.9
±10 %
K
±5 %
J
30
7.96
60
1.3
175
CM322522-4R7<1>L
4.7
±10 %
K
±5 %
J
30
7.96
55
1.5
165
CM322522-5R6<1>L
5.6
±10 %
K
±5 %
J
30
7.96
50
1.6
160
CM322522-6R8<1>L
6.8
±10 %
K
±5 %
J
30
7.96
45
1.8
150
CM322522-8R2<1>L
8.2
±10 %
K
±5 %
J
30
7.96
40
2.0
140
CM322522-100<1>L
10
±10 %
K
±5 %
J
30
2.52
36
2.1
140
CM322522-120<1>L
12
±10 %
K
±5 %
J
30
2.52
33
2.5
125
CM322522-150<1>L
15
±10 %
K
±5 %
J
30
2.52
30
2.8
120
CM322522-180<1>L
18
±10 %
K
±5 %
J
30
2.52
27
3.3
110
CM322522-220<1>L
22
±10 %
K
±5 %
J
30
2.52
25
3.7
105
CM322522-270<1>L
27
±10 %
K
±5 %
J
30
2.52
22
5.0
90
CM322522-330<1>L
33
±10 %
K
±5 %
J
30
2.52
20
5.6
85
CM322522-390<1>L
39
±10 %
K
±5 %
J
30
2.52
20
6.4
80
CM322522-470<1>L
47
±10 %
K
±5 %
J
30
2.52
15
7.0
75
CM322522-560<1>L
56
±10 %
K
±5 %
J
30
2.52
15
8.0
70
CM322522-680<1>L
68
±10 %
K
±5 %
J
30
2.52
15
9.0
65
CM322522-820<1>L
82
±10 %
K
±5 %
J
30
2.52
11
10
60
CM322522-101<1>L
100
±10 %
K
±5 %
J
20
0.796
10
10
60
CM322522-121<1>L
120
±10 %
K
±5 %
J
20
0.796
10
11
55
CM322522-151<1>L
150
±10 %
K
±5 %
J
20
0.796
8
15
50
CM322522-181<1>L
180
±10 %
K
±5 %
J
20
0.796
7
17
50
CM322522-221<1>L
220
±10 %
K
±5 %
J
20
0.796
7
21
45



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com