Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGP18C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SGP18C
Description  GPS SMT Patch Antenna
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SGP18C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SGP18C Datasheet HTML 1Page - List of Unclassifed Manufacturers SGP18C Datasheet HTML 2Page - List of Unclassifed Manufacturers SGP18C Datasheet HTML 3Page - List of Unclassifed Manufacturers SGP18C Datasheet HTML 4Page - List of Unclassifed Manufacturers SGP18C Datasheet HTML 5Page - List of Unclassifed Manufacturers SGP18C Datasheet HTML 6Page - List of Unclassifed Manufacturers SGP18C Datasheet HTML 7Page - List of Unclassifed Manufacturers SGP18C Datasheet HTML 8Page - List of Unclassifed Manufacturers SGP18C Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SPE-11-8-138/C/SS |
page 2 of 9
This ceramic GPS patch antenna is based
on smart
XtremeGainTM technology.
It is mounted via SMT process and has
been selected as optimal solution for the
45x45mm ground plane.
1. Introduction
2. Specification
Original Patch Specification tested on 45mm ground plane
**Changes in user groundplane and environment will offset centre frequency
Parameter
Specification
Notes
Range of Receiving Frequency
1575.42 ± 1.023MHz
Center Frequency
1575.42 ± 3MHz
With 45*45mm ground plane
Bandwidth
5MHz min
Return Loss
≤-10 dB
VSWR
1.5 max
Gain at Zenith
+1.0 dBic typ.
Gain at 10°elevation
-3.0 dBic typ.
Axial Ratio
4.0 dB max
Polarization
RHCP
Impedance
50 Ohms
Frequency Temperature Coefficient (Tf)
0 ± 20ppm / °C
-40°C to +85°C
Operating Temperature
-40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com