Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP61L256CS-12 Datasheet(PDF) 5 Page - AMIC Technology

Part # LP61L256CS-12
Description  32K X 8 BIT HIGH SPEED CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP61L256CS-12 Datasheet(HTML) 5 Page - AMIC Technology

  LP61L256CS-12 Datasheet HTML 1Page - AMIC Technology LP61L256CS-12 Datasheet HTML 2Page - AMIC Technology LP61L256CS-12 Datasheet HTML 3Page - AMIC Technology LP61L256CS-12 Datasheet HTML 4Page - AMIC Technology LP61L256CS-12 Datasheet HTML 5Page - AMIC Technology LP61L256CS-12 Datasheet HTML 6Page - AMIC Technology LP61L256CS-12 Datasheet HTML 7Page - AMIC Technology LP61L256CS-12 Datasheet HTML 8Page - AMIC Technology LP61L256CS-12 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LP61L256C Series
PRELIMINARY
(November, 2001, Version 0.0)
4
AMIC Technology, Inc.
Truth Table
Mode
CE
OE
WE
I/O Operation
Supply Current
Standby
H
X
X
High Z
ISB, ISB1
Output Disable
L
H
H
High Z
ICC1
Read
L
L
H
DOUT
ICC1
Write
L
X
L
DIN
ICC1
Note: X = H or L
Capacitance (TA = 25
°C, f = 1.0MHz)
Symbol
Parameter
Min.
Max.
Unit
Conditions
CIN*
Input Capacitance
10
pF
VIN = 0V
CI/O*
Input/Output Capacitance
10
pF
VI/O = 0V
* These parameters are sampled and not 100% tested.
AC Characteristics (TA = 0
°C to +70°C, VCC = 3.3V ± 10%)
Symbol
Parameter
LP61L256C-12
LP61L256C-15
Unit
Min.
Max.
Min.
Max.
Read Cycle
tRC
Read Cycle Time
12
-
15
-
ns
tAA
Address Access Time
-
12
-
15
ns
tACE
Chip Enable Access Time
-
12
-
15
ns
tOE
Output Enable to Output Valid
-
6
-
8
ns
tCLZ
Chip Enable to Output in Low Z
3
-
3
-
ns
tOLZ
Output Enable to Output in Low Z
0
-
0
-
ns
tCHZ
Chip Disable Output in High Z
0
6
-
8
ns
tOHZ
Output Disable to Output in High Z
0
6
0
8
ns
tOH
Output Hold from Address Change
3
-
3
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com