Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP61L256CS-15 Datasheet(PDF) 4 Page - AMIC Technology

Part # LP61L256CS-15
Description  32K X 8 BIT HIGH SPEED CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP61L256CS-15 Datasheet(HTML) 4 Page - AMIC Technology

  LP61L256CS-15 Datasheet HTML 1Page - AMIC Technology LP61L256CS-15 Datasheet HTML 2Page - AMIC Technology LP61L256CS-15 Datasheet HTML 3Page - AMIC Technology LP61L256CS-15 Datasheet HTML 4Page - AMIC Technology LP61L256CS-15 Datasheet HTML 5Page - AMIC Technology LP61L256CS-15 Datasheet HTML 6Page - AMIC Technology LP61L256CS-15 Datasheet HTML 7Page - AMIC Technology LP61L256CS-15 Datasheet HTML 8Page - AMIC Technology LP61L256CS-15 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LP61L256C Series
PRELIMINARY
(November, 2001, Version 0.0)
3
AMIC Technology, Inc.
Recommended DC Operating Conditions
(TA = 0
°C to + 70°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
-
VCC + 0.3
V
VIL
Input Low (1) Voltage
-0.5
0
+0.8
V
CL
Output Load
-
-
30
pF
Absolute Maximum Ratings*
VCC to GND . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +4.6V
IN, IN/OUT Volt to GND . . . . . . . . . . -0.5V to VCC +0.5V
Operating Temperature, Topr . . . . . . . . . . . 0
°C to +70°C
Storage Temperature, Tstg . . . . . . . . . . -55
°C to +125°C
Temperature Under Bias, Tbias . . . . . . . . -10
°C to +85°C
Power Dissipation, PT . . . . . . . . . . . . . . . . . . . . . . . 1.0W
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of this
device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied or intended. Exposure to the absolute maximum
rating conditions for extended periods may affect device
reliability.
DC Electrical Characteristics
(TA = 0
°C to + 70°C, VCC = 3.3V ± 10%, GND = 0V)
Symbol
Parameter
LP61L256C-12/15
Unit
Conditions
Min.
Max.
ILI
Input Leakage
-
2
µA
VIN = GND to VCC
ILO
Output Leakage
-
2
µA
CE = VIH or OE = VIH
VI/O = GND to VCC
ICC1 (2)
Dynamic Operating Current
-
120
mA
CE = VIL, II/O = 0 mA
Min. Cycle, Duty = 100%
ISB
-
30
mA
CE = VIH
ISB1
Standby Power
Supply Current
-
5
mA
CE
≥ VCC - 0.2V
VIN
≥ VCC -0.2V or
VIN
≤ 0.2V
VOL
Output Low Voltage
-
0.4
V
IOL = 8 mA
VOH
Output High Voltage
2.4
-
V
IOH = -4 mA
Notes: 1. VIL = -3.0V for pulses less than 20 ns.
2. ICC1 is dependent on output loading, cycle rates, and Read/Write patterns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com