Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP621024DM-70LLT Datasheet(PDF) 4 Page - AMIC Technology

Part # LP621024DM-70LLT
Description  128K X 8 BIT CMOS SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP621024DM-70LLT Datasheet(HTML) 4 Page - AMIC Technology

  LP621024DM-70LLT Datasheet HTML 1Page - AMIC Technology LP621024DM-70LLT Datasheet HTML 2Page - AMIC Technology LP621024DM-70LLT Datasheet HTML 3Page - AMIC Technology LP621024DM-70LLT Datasheet HTML 4Page - AMIC Technology LP621024DM-70LLT Datasheet HTML 5Page - AMIC Technology LP621024DM-70LLT Datasheet HTML 6Page - AMIC Technology LP621024DM-70LLT Datasheet HTML 7Page - AMIC Technology LP621024DM-70LLT Datasheet HTML 8Page - AMIC Technology LP621024DM-70LLT Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LP621024D-T Series
(August, 2001, Version 1.0)
4
AMIC Technology, Inc.
DC Electrical Characteristics (continued)
Symbol
Parameter
LP621024D-55LLT
LP621024D-70LLT
Unit
Conditions
Min.
Max.
Min.
Max.
ISB
-
2
-
2
mA
CE1 = VIH or CE2 =VIL
ISB1
Standby Power
Supply Current
-
50
-
50
µA
CE1
≥ VCC - 0.2V
CE2
≥ VCC - 0.2V
VIN
≥ 0V
ISB2
-
50
-
50
µA
CE2
≤ 0.2V
VIN
≥ 0V
VOL
Output Low
Voltage
-
0.4
-
0.4
V
IOL = 2.1mA
VOH
Output High
Voltage
2.4
-
2.4
-
V
IOH = -1.0mA
Truth Table
Mode
CE1
CE2
OE
WE
I/O Operation
Supply Current
Standby
H
X
X
X
High Z
ISB, ISB1
X
L
X
X
High Z
ISB, ISB2
Output Disable
L
H
H
H
High Z
ICC, ICC1, ICC2
Read
L
H
L
H
DOUT
ICC, ICC1, ICC2
Write
L
H
X
L
DIN
ICC, ICC1, ICC2
Note: X = H or L
Capacitance (TA = 25
°C, f = 1.0MHz)
Symbol
Parameter
Min.
Max.
Unit
Conditions
CIN*
Input Capacitance
6
pF
VIN = 0V
CI/O*
Input/Output Capacitance
8
pF
VI/O = 0V
* These parameters are sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com