Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCANSTA111 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # SCANSTA111
Description  SCANSTA111 Enhanced SCAN Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCANSTA111 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SCANSTA111 Datasheet HTML 17Page - Texas Instruments SCANSTA111 Datasheet HTML 18Page - Texas Instruments SCANSTA111 Datasheet HTML 19Page - Texas Instruments SCANSTA111 Datasheet HTML 20Page - Texas Instruments SCANSTA111 Datasheet HTML 21Page - Texas Instruments SCANSTA111 Datasheet HTML 22Page - Texas Instruments SCANSTA111 Datasheet HTML 23Page - Texas Instruments SCANSTA111 Datasheet HTML 24Page - Texas Instruments SCANSTA111 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
SCANSTA111
www.ti.com
SNLS060K – AUGUST 2001 – REVISED APRIL 2013
Figure 11. Local Scan Port Synchronization on Second Pass
Figure 12. Synchronization of the Three Local Scan Ports
This moves the local chain TAP Controllers to the synchronization state (Run-Test/Idle), where they stay until
synchronization occurs. If the next state of the 'STA111 TAP Controller is Run-Test/Idle, TMSn is connected to
TMSB and the local TAP Controllers are synchronized to the 'STA111 TAP Controller as shown in Figure 12. If
the next state after Update-IR were Select-DR, TMSn would remain low and synchronization would not occur until
the 'STA111 TAP Controller entered the Run-Test/Idle state, as shown in Figure 11.
Each local port has its own Local Scan Port Controller. This is necessary because the LSPN can be configured
in any one of eight (8) possible combinations. Either one, some, or all of the local ports can be accessed
simultaneously. Configuring the LSPN is accomplished with Mode Register0, in conjunction with the UNPARK
instruction.
The LSPN can be unparked in one of seven different configurations (Si device), as specified by bits 0-2 of Mode
Register0 . Using multiple ports presents not only the task of synchronizing the 'STA111 TAP Controller with the
TAP Controllers of an individual local port, but also of synchronizing the individual local ports to one another.
When multiple local ports are selected for access, it is possible that two ports are parked in different states. This
could occur when previous operations accessed the two ports separately and parked them in the two different
states. The LSP Controllers handle this situation gracefully. Figure 12 shows the UNPARK instruction being used
to access LSP0, LSP1, and LSP2 in series (Mode Register0 = XXX0X111 binary). LSP0 and LSP1 become active
as the 'STA111 controller is sequenced through the Run-Test/Idle state. LSP2 remains parked in the Pause-DR
state until the 'STA111 TAP Controller is sequenced through the Pause-DR state. At that point, all three local
ports are synchronized for access via the active scan chain.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: SCANSTA111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com