Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX4HT Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # CX4HT
Description  HIGH TEMPERATURE CRYSTALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX4HT Datasheet(HTML) 2 Page - STATEK CORPORATION

  CX4HT Datasheet HTML 1Page - STATEK CORPORATION CX4HT Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10184 Rev F
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
-55
OC to 125OC
Maximum Process Temperature
260
OC for 20 seconds
“S” if special or
custom design.
Blank if Std.
Frequency
M = MHz
Calibration
Tolerance
@ 25
0C
(in ppm)
SPECIFICATIONS
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice.
Frequency Range
See Specifications Table below
Calibration Tolerance
1
± 100 ppm, or tighter, as required
Operating Temperature Range -55
OC up to +225OC
Frequency-Temperature
125 ppm for -55
OC to +150OC
Stability
2
150 ppm for -55OC to +175OC
175 ppm for -55
OC to +200OC
250 ppm for -55
OC to +225OC
Total Tolerance
3
200 ppm for +25
OC to +200OC
300 ppm for +25
OC to +225OC
Aging, first year
5 ppm at 25
OC
Shock, survival
4
CX1HT: 1,000 g, 1 ms, 1/2 sine
CX4HT: 5,000 g, 0.3 ms, 1/2 sine
CX9HT: 5,000 g, 0.3 ms, 1/2 sine
Vibration, survival
4
20 g RMS, 10-2,000 Hz
1. Tighter frequency calibration available. Contact factory.
2. Does not include calibration tolerance. The characteristics of the frequency stability over
temperature follow that of the thickness-shear mode.
3. Includes calibration tolerance.
4. Higher shock and vibration available.
+
_
+
_
+
_
+
_
PACKAGING OPTIONS
• Tray Pack
• 16 mm tape, 7” or 13” reels
Per EIA 481 (see Tape and Reel data sheet # 10109)
Terminations*
SM1 = Gold Plated
SM4 = Solder Plated
(Lead Free)
SM5 = Solder Dipped
(Lead Free)
CX1HT
CX4HT
CX9HT
CX4HT
S
HG
C
SM1
20.0M
,
/
/
200
/
H
Frequency Motional Resistance
Motional Capacitance Shunt Capacitance
Quality Factor
Load Capacitance
Range
R1 @ 25°C
C1 @ 25°C
C0 @ 25°C
Q @ 25°C
CL Load
Drive Level
6 MHz to
30
Ω @ 10 MHz
5.5 fF @ 10 MHz
2.2 pF @ 10 MHz
100 K @ 10 MHz
500 µW MAX. for f < 50 MHz
CX1HT
250 MHz
25
Ω @ 32 MHz
6.2 fF @ 32 MHz
2.3 pF @ 32 MHz
30 K @ 32 MHz
10 pF
200 µW MAX. for f > 50 MHz
14 MHz to 75
Ω @ 16 MHz
1.5 fF @ 16 MHz
0.9 pF @ 16 MHz
90 K @ 16 MHz
200 µW MAX. for f < 50 MHz
CX4HT
250 MHz
30
Ω @ 32 MHz
2.5 fF @ 32 MHz
1.1 pF @ 32 MHz
70 K @ 32 MHz
10 pF
100 µW MAX. for f > 50 MHz
14 MHz to 30
Ω @ 25 MHz
1.8 fF @ 25 MHz
1.0 pF @ 25 MHz
120K @ 25 MHz
200 µW MAX. for f < 50 MHz
CX9HT
250 MHz
30
Ω @ 49 MHz
2.1 fF @ 49 MHz
1.0 pF @ 49 MHz
60 K @ 49 MHz
10 pF
100 µW MAX. for f > 50 MHz
SPECIFICATIONS TABLE1 (Specifications shown are typical unless otherwise noted.)
1. For more detailed specifications on high frequency crystals, refer to standard high frequency crystal datasheets (CX1SM, CX4SM and CX9SM.)
CONVENTIONAL CMOS
PIERCE OSCILLATOR CIRCUIT
HOW TO ORDER CX1HT, CX4HT and CX9HT CRYSTALS
100
/
175
/
/
H
Temp. Range:
H = 25
0C to
200
0C
S = Customer
Specified Temp.
Range
Total
Frequency
Tolerance
(in ppm)
Calibration
Tolerance
@ 25
0C
(in ppm)
Frequency
Stability over
Temp. Range
(in ppm)
Frequency
Stability over
Temp. Range
(in ppm)
Temp. Range:
H = 25
0C to 2000C
S = Customer
Specified Temp.
Range
Total Frequency
Tolerance (in
ppm)
OR
+
_
+
_
C = Ceramic
Lid
HG = High
Shock
otherwise
leave blank



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com