Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXOLAT Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # CXOLAT
Description  Ultra-Low Power/Fast Start-Up/Ultra-Miniature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CXOLAT Datasheet(HTML) 1 Page - STATEK CORPORATION

  CXOLAT Datasheet HTML 1Page - STATEK CORPORATION CXOLAT Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10217 Rev A
CXOLAT OSCILLATOR
32.768 kHz
Ultra-Low Power/Fast Start-Up/Ultra-Miniature
TYPICAL
MAXIMUM
DIM
inches
mm
inches
mm
A0.126
3.20
0.130
3.30
B0.059
1.50
0.063
1.60
C (SM1)
0.037
0.95
0.039
1.00
D0.029
0.75
0.030
0.77
E0.020
0.50
0.021
0.52
DESCRIPTION
The CXOXLAT 32.768 kHz oscillator achieves the low
power comparable with a tuning fork design and the fast
start-up and tight frequency stability attained by an AT cut
crystal design. Designed for applications requiring ultra-
low current (15 µA), fast start-up time (15 ms), and a tight
frequency stability (±30 ppm to ±100 ppm) over a wide
temperature range (-55OC to +125OC). These oscillators
are also capable of withstanding significantly higher
shock than a standard tuning fork design.
FEATURES
Ultra-low current (typical 15 µA)
Fast start-up (typical 15 ms)
Tight tolerance
High shock resistance
Low aging
CMOS output
Optional Output Enable/Disable with Tri-State
Hermetically sealed ceramic package
Full military testing available
Designed and manufactured in the USA
APPLICATIONS
Military, Aerospace & Avionics
Communications
Navigation
GPS
Industrial, Computer & Communications
Handheld instrumentation
Transponder/Animal migration
DIMENSIONS
PIN CONNECTIONS
1. Output
2. Ground
3. Output Enable/Disable (E) or no connection (N)
4. VDD
SUGGESTED LAND PATTERN


Similar Part No. - CXOLAT

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CXOLAT-1.8V IQD-CXOLAT-1.8V Datasheet
140Kb / 3P
Crystal Clock Oscillator Specification
CXOLAT-2.5V IQD-CXOLAT-2.5V Datasheet
140Kb / 3P
Crystal Clock Oscillator Specification
CXOLAT-3.0V IQD-CXOLAT-3.0V Datasheet
194Kb / 3P
Crystal Clock Oscillator Specification
CXOLAT-3.3V IQD-CXOLAT-3.3V Datasheet
194Kb / 3P
Crystal Clock Oscillator Specification
More results

Similar Description - CXOLAT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1552 MICROSEMI-LX1552 Datasheet
378Kb / 18P
ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
logo
ams AG
AS1901 AMSCO-AS1901 Datasheet
76Kb / 9P
Ultra Low-Power uP Supervisory Circuit
logo
Semtech Corporation
SC4911 SEMTECH-SC4911 Datasheet
217Kb / 14P
Bias/Primary Side PWM Controller with Ultra Low Start-up Current
logo
ams AG
AS1904 AMSCO-AS1904_1 Datasheet
184Kb / 9P
Ultra Low-Power uP Supervisory Circuit
logo
STATEK CORPORATION
CXOXULP STATEK-CXOXULP Datasheet
127Kb / 2P
Ultra-Low Power/Fast Start-Up/High Shock
logo
SYNC POWER Crop.
SP689 SYNC-POWER-SP689 Datasheet
220Kb / 5P
Ultra High Voltage Start Up
logo
EUROQUARTZ limited
CXOXULP EUROQUARTZ-CXOXULP Datasheet
130Kb / 1P
Ultra-Low Power/Fast Start-Up/High Shock
CXOLHG EUROQUARTZ-CXOLHG Datasheet
128Kb / 1P
Ultra-Low Power/Fast Start-Up/High Shock 32.768kHz
CXOLP EUROQUARTZ-CXOLP Datasheet
101Kb / 1P
Low Power/Fast Start-up Miniature Oscillator 1.0MHz ~ 8.5MHz
logo
Micrel Semiconductor
DSC3001 MICREL-DSC3001 Datasheet
477Kb / 5P
Low-Power Ultra-Miniature Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com