Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP62S1664C Datasheet(PDF) 5 Page - AMIC Technology

Part # LP62S1664C
Description  64K X 16 BIT LOW VOLTAGE CMOS SRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S1664C Datasheet(HTML) 5 Page - AMIC Technology

  LP62S1664C Datasheet HTML 1Page - AMIC Technology LP62S1664C Datasheet HTML 2Page - AMIC Technology LP62S1664C Datasheet HTML 3Page - AMIC Technology LP62S1664C Datasheet HTML 4Page - AMIC Technology LP62S1664C Datasheet HTML 5Page - AMIC Technology LP62S1664C Datasheet HTML 6Page - AMIC Technology LP62S1664C Datasheet HTML 7Page - AMIC Technology LP62S1664C Datasheet HTML 8Page - AMIC Technology LP62S1664C Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LP62S1664C Series
PRELIMINARY
(February, 2002, Version 0.0)
4
AMIC Technology, Inc.
Absolute Maximum Ratings*
VCC to GND . . . . . . . . . . . . . . . . . . . . . -0.5V to +4.6V
IN, IN/OUT Volt to GND . . . . . . . . -0.5V to VCC + 0.5V
Operating Temperature, Topr . . . . . . . . -40
°C to +85°C
Storage Temperature, Tstg . . . . . . . . . -55
°C to +125°C
Power Dissipation, PT . . . . . . . . . . . . . . . . . . . . . 0.7W
Soldering Temp. & Time . . . . . . . . . . . . 260
°C, 10 sec
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of this
device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied or intended.
Exposure to the absolute
maximum rating conditions for extended periods may
affect device reliability.
DC Electrical Characteristics
(TA = -25
°C to + 85°C for -LLT or -40°C to + 85°C for -LLI, VCC = 2.7V to 3.6V, GND = 0V)
LP62S1664C-55LLT/LLI
LP62S1664C-70LLT/LLI
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
Conditions
ILI
Input Leakage
Current
-
1
-
1
µA
VIN = GND to VCC
ILO
Output Leakage
Current
-
1
-
1
µA
CE = VIH or OE = VIH or
LB = HB = VIH or
WE = VIL
VI/O = GND to VCC
ICC
Active Power
Supply Current
-
5
-
5
mA
CE = VIL, II/O = 0mA
ICC1
-
50
-
40
mA
Min. Cycle, Duty = 100%
CE = VIL, II/O = 0mA
ICC2
Dynamic
Operating
Current
-
5
-
5
mA
CE = VIL, VIH = VCC,
VIL = 0V, f = 1MHz,
II/O = 0 mA
ISB
-
0.3
-
0.3
mA
CE = VIH
ISB1
Standby Power
Supply Current
-
5
-
5
µA
CE
≥ VCC - 0.2V
VIN
≥ 0V
VOL
Output Low
Voltage
-
0.4
-
0.4
V
IOL = 2.1mA
VOH
Output High
Voltage
2.2
-
2.2
-
V
IOH = -1.0mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com