Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXOMKHT Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # CXOMKHT
Description  HIGH TEMPERATURE OSCILLATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CXOMKHT Datasheet(HTML) 1 Page - STATEK CORPORATION

  CXOMKHT Datasheet HTML 1Page - STATEK CORPORATION CXOMKHT Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10201 Rev B
CXOXHT
CXOMKHT
MAXIMUM
MAXIMUM
DIM
inches
mm
inches
mm
A
0.136
3.40
0.263
6.68
B
0.107
2.70
0.204
5.18
C (SM1)
0.043
1.09
0.060
1.52
C (SM3/SM5)
0.048
1.21
0.065
1.65
D
0.041
1.10
0.065
1.65
E
0.031
0.85
0.070
1.78
PIN CONNECTIONS
1. Enable/Disable (E) or No Connection (N)
2. Ground
3. Output
4.
V
DD
SUGGESTED LAND PATTERN
PACKAGE DIMENSIONS
DESCRIPTION
For high temperature, high stability and fast start-up
applications, Statek offers the AT crystal-based 32.768 kHz
CXOMKHT and CXOXHT oscillators. These oscillators are
designed to operate at temperatures up to 200
OC. A high-
shock version is also offered that features 10,000 g shock
survivability. Other features include fast start-up time (0.8 ms
typical) and low current operation (500 µA at 25
OC.)
FEATURES
High temperature operation up to 200
OC
Overall 5 times improvement in total frequency stability
when compared to a typical tuning fork design
A High-Shock version that features 10,000 g shock
survivability is also offered
Excellent stability over temperature
Fast start-up
CMOS and TTL compatible
Optional output enable/disable
Low current
Hermetically sealed ceramic package
Full military testing available
APPLICATIONS
Industrial
Downhole instrumentation
Rotary shaft sensors
Underground boring tools
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
HIGH TEMPERATURE OSCILLATORS
32.768 kHz
High Stability/Fast Start-up/High Shock
YS
TEM
CERTIFIC
AT
01
CXOXHT
CXOMKHT
CXOMKHT
CXOXHT
CXOMKHT
CXO
XHT


Similar Part No. - CXOMKHT

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXOMKHT STATEK-CXOMKHT Datasheet
754Kb / 2P
HIGH TEMPERATURE OSCILLATORS
logo
IQD Frequency Products ...
CXOMKHT-3.3V IQD-CXOMKHT-3.3V Datasheet
216Kb / 3P
Crystal Clock Oscillator Specification
CXOMKHT-5.0V IQD-CXOMKHT-5.0V Datasheet
216Kb / 3P
Crystal Clock Oscillator Specification
CXOMKHTS-5.0V IQD-CXOMKHTS-5.0V Datasheet
134Kb / 3P
Crystal Clock Oscillator Specification
More results

Similar Description - CXOMKHT

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
Temperature compensated crystal oscillators
C17SA ETC2-C17SA Datasheet
49Kb / 1P
MILITARY STANDARD HIGH TEMPERATURE OSCILLATORS
logo
Vectron International, ...
RCR7HYA17C160 VECTRON-RCR7HYA17C160 Datasheet
132Kb / 7P
Temperature Compensated Crystal Oscillators
logo
RSG Electronic Componen...
CXOHT4SHGESM3 RSG-CXOHT4SHGESM3 Datasheet
178Kb / 2P
HIGH TEMPERATURE OSCILLATORS
logo
Vectron International, ...
6825 VECTRON-6825 Datasheet
457Kb / 4P
Temperature Compensated Crystal Oscillators
logo
STATEK CORPORATION
CXOHT STATEK-CXOHT Datasheet
754Kb / 2P
HIGH TEMPERATURE OSCILLATORS
logo
Kyocera Kinseki Corpota...
KT5032 KSS-KT5032_18 Datasheet
69Kb / 1P
Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX100 RALTRON-TX100 Datasheet
68Kb / 3P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
TX125 RALTRON-TX125 Datasheet
35Kb / 3P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com