Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXOX Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # CXOX
Description  Ultra-Miniature, High Stability High Shock Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CXOX Datasheet(HTML) 2 Page - STATEK CORPORATION

  CXOX_13 Datasheet HTML 1Page - STATEK CORPORATION CXOX_13 Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS
Specifications below are examples. Specifications are subject
to change without notice. Tighter specifications available.
Please contact factory.
Frequency Range1
1 MHz to 160 MHz
Supply Voltage
1.8 V to 5.0 V ± 10%
Calibration Tolerance2
±100 ppm
Frequency Stability
± 50 ppm for Commercial
Over Temperature3
±100 ppm for Industrial
±100 ppm for Military
Supply Current (Typical)
1.8 V
3.3 V
5.0 V
24 MHz
1.5 mA
3.0 mA
8.0 mA
32 MHz
2.0 mA
5.0 mA
10.0 mA
50 MHz
3.0 mA
6.0 mA
13.0 mA
130 MHz
12.0 mA 23.0 mA
39.0 mA
Output Load (CMOS)4
15 pF
Start-up Time
5 ms MAX
Rise/Fall Time
6 ns MAX
Duty Cycle5
40% MIN 60% MAX
Aging, first year
5 ppm MAX
Shock, survival6
5,000 g, 0.3 ms, 1/2 sine
HG: 10,000 g, 0.3 ms, 1/2 sine`
Vibration, survival7
20 g, 10-2,000 Hz swept sine
Operating Temp. Range -10OC to 70OC(Commerical)
-40OC to 85OC(Industrial)
-55OC to 125OC(Military)
1. Not all frequencies available at all voltages. Contact factory.
2. Tighter tolerances available.
3. Does not include calibration tolerances. Tighter tolerances available.
4. Higher CMOS loads and TTL loads available. Contact factory.
5. 45/55 available upon request in most cases.
6. Higher shock version available. Contact factory for requirements above 10,000 g
7. Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing also
available.
Note: All parameters are measured at ambient temperature with a 10 M , 15 pF load.
10168 Rev C
HOW TO ORDER CXOX/CXOXHG SURFACE MOUNT CRYSTAL OSCILLATORS
“S” if special or
custom design.
Blank if Std.
CXOX
HG
4
S
N
SM3
40.0M ,
100
/
100
/
/
I
Frequency
K = kHz
M = MHz
Enable/Disable
Option
E or N
Terminations
Blank = SM1
=Gold Plated
(Lead Free)
SM3 = Solder Dipped
SM5 = Solder Dipped
(Lead Free)
Supply Voltage
1 = 1.8 V
2 = 2.5 V
3 = 3.0 V
4 = 3.3 V
5 = 5.0 V
//
200
/
I
Temp. Range:
C= -10OC to +70OC
I =-40OCto+85OC
M= -55OC to +125OC
S= Customer Specified
Total
Frequency
Tolerance
(in ppm)
Temp. Range:
C= -10OC to +70OC
I =-40OCto+85OC
M= -55OC to +125OC
S= Customer Specified
Frequency
Stability over
Temp. Range
(in ppm)
Calibration
Tolerance
@ 250C
(in ppm)
OR
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VDD
-0.5 V to 7.0 V
Storage Temperature
-55OC to 125OC
Maximum Process Temperature 260OC for 20 seconds
PACKAGING OPTIONS
CXOX/
- Tray Pack
CXOXHG
- 12 mm tape, 7” or 13” reels
Per EIA 481 (see Tape and Reel data sheet
#10109)
Enable (Pin 1 High*) Disable (Pin 1 Low)
Output
Frequency Output
High Z State
Oscillator
Oscillates
Stops
Current
Normal
Very Low
ENABLE/DISABLE OPTIONS (E/N)
Statek offers two enable/disable options: E and N. The E-
version has a Tri-State output and stops oscillating internally
when the output is put into the high Z state. The N-version
does not have PIN 1 connected internally and so has no
enable/disable capability. The following table describes the
Enable/Disable option E.
* When PIN 1 is allowed to float, it is held high by an internal pull-up resistor.
ENABLE/DISABLE OPTION E
FUNCTION TABLE
HG = High
Shock.
Otherwise
leave blank
YS
TEM
CERTIFICA
T
01
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com