Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP2RCS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NP2RCS
Description  Phone Plug Connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NP2RCS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NP2RCS Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
bushing
chuck
insert
housing
NP2C
NP3C
Phone Plug Connector
Assembly Instructions
Data subject to change without prior notice. 2001 NEUTRIK . ALL RIGHTS RESERVED.
ã
R
NEUT
I
K
R
R
CONNECTING THE WORLD
NEUTRIK AG
NEUTRIK
NEUTRIK
NEUTRIK
NEUTRIK
NEUTRIK
Zürich AG
(UK) Ltd.
USA INC.
Tokyo Ltd.
Vertriebs GmbH
Liechtenstein
Great Britain
Switzerland
USA
Japan
Germany / Netherland
Tel.: +423/237 24 24
Tel.: +44 19 83/811 441
Fax: +423/232 53 93
Fax: +44 19 83/811 439
Tel.: +41 1/736 5010
Tel.: +1 732/901 9488
Tel.: +81/3/5411 25551
Tel.: +49 8131/28 08-0
Fax: +41 1/736 5011
Fax: +1 732/901 9608
Fax: +81/3/5411 2827
Fax: +49 8131/28 08-30
www.neutrik.com
Draft. Nr.:
Update:
3102M1111
20.06.2001
CABLE PREPARATION
ORDER OF ASSEMBLY
1 … housing
2 … Insert
3 … cover
4 … screw M 2.5 x 6
14 mm 0.55
[
]
”
14 mm 0.55
[
]
”
4 mm 0.16
[
]
”
4 mm 0.16
[
]
”
6 mm 0.24
[
]
”
8 mm 0.35
[
]
”
RING
TIP
NP RC
¬
NP C
¬


Similar Part No. - NP2RCS

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NP2RX NEUTRIK-NP2RX Datasheet
75Kb / 3P
1/4" professional right-angle phone plug, 2 pole, nickel contacts, nickel shell
NP2RX-AU-SILENT NEUTRIK-NP2RX-AU-SILENT Datasheet
78Kb / 3P
2 pole right angle 1/4" professional phone plug, gold plated contacts, red coating, silent switch
NP2RX-B NEUTRIK-NP2RX-B Datasheet
78Kb / 3P
2 pole 1/4" professional right-angle phone plug, gold contacts, black shell
NP2RX-BAG NEUTRIK-NP2RX-BAG Datasheet
77Kb / 3P
2 pole right-angle 1/4" professional phone plug, nickel contacts, black shell
NP2RX-TIMBRE NEUTRIK-NP2RX-TIMBRE Datasheet
75Kb / 3P
Right angle 1/4' 2 pole timbre plug
More results

Similar Description - NP2RCS

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4280 POMONA-4280 Datasheet
48Kb / 1P
Bantam Miniature Phone Plug
4281 POMONA-4281 Datasheet
43Kb / 1P
Miniature Phone Plug To Double Plug Balanced Line
6323 POMONA-6323 Datasheet
24Kb / 1P
Bantam Plug (Miniature Phone Plug) To RJ11
logo
Molex Electronics Ltd.
0011201259 MOLEX11-0011201259 Datasheet
470Kb / 13P
W.E. PHONE PLUG TERMINATOR
0011201273 MOLEX11-0011201273 Datasheet
289Kb / 9P
90075 PHONE PLUG ARBOR PRESS
logo
Pomona Electronics
5026N-60 POMONA-5026N-60 Datasheet
42Kb / 1P
Bantam Plug (Miniature Phone Plug) To Alligator Clips
logo
Adam Technologies, Inc.
ASP-RA-635-A ADAM-TECH-ASP-RA-635-A Datasheet
59Kb / 1P
6.35MM PHONE PLUG
logo
CUI INC
MP-2501 CUI-MP-2501 Datasheet
103Kb / 1P
2.5(theta) MONO PHONE PLUG
MP-3501 CUI-MP-3501 Datasheet
108Kb / 1P
3.5(theta) MONO PHONE PLUG
logo
List of Unclassifed Man...
AJP21A ETC-AJP21A Datasheet
250Kb / 1P
Phone Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com