Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FII30-06D Datasheet(PDF) 1 Page - IXYS Corporation

Part # FII30-06D
Description  low saturation voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FII30-06D Datasheet(HTML) 1 Page - IXYS Corporation

  FII30-06D Datasheet HTML 1Page - IXYS Corporation FII30-06D Datasheet HTML 2Page - IXYS Corporation FII30-06D Datasheet HTML 3Page - IXYS Corporation FII30-06D Datasheet HTML 4Page - IXYS Corporation FII30-06D Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2011 IXYS All rights reserved
1 - 5
20110119a
FII 30-06D
IXYS reserves the right to change limits, test conditions and dimensions.
I
C25
= 30 A
V
CES
= 600 V
V
CE(sat) typ. =
1.9 V
IGBT phaseleg
in ISOPLUS i4-PAC™
Features
• NPT IGBT technology
- low saturation voltage
- positive temperature coefficient for
easy paralleling
- fast switching
• HiPerFRED™ diode
- optimized fast and soft reverse
recovery
- low operating forward voltage
- low leakage current
• ISOPLUS i4-PAC™ package
- isolated back surface
- low coupling capacity between pins
and heatsink
- enlarged creepage towards heatsink
- application friendly pinout
- low inductive current path
- high reliability
- industry standard outline
- UL registered E 72873
Applications
• single phaseleg
- buck-boost chopper
• H bridge
- power supplies
- induction heating
- four quadrant DC drives
- controlled rectifier
• three phase bridge
- AC drives
- controlled rectifier
IGBT
Symbol
Conditions
Maximum Ratings
V
CES
T
VJ = 25°C to 150°C
600
V
V
GES
± 20
V
I
C25
I
C90
T
C = 25°C
T
C = 90°C
30
18
A
A
I
CM
V
CEK
V
GE = ±15 V; RG = 47 Ω; TVJ = 125°C
RBSOA Clamped inductive load; L = 100 µH
40
V
CES
A
t
SC
(SCSOA)
V
CE = VCES; VGE = ±15 V; RG = 47 Ω
T
VJ = 125°C; non-repetitive
10
µs
P
tot
T
C = 25°C
100
W
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
CE(sat)
I
C = 20 A; VGE = 15 V
T
VJ =
25°C
T
VJ = 125°C
1.9
2.2
2.4
V
V
V
GE(th)
I
C = 0.5 mA; VGE = VCE
4.5
6.5
V
I
CES
V
CE = VCES; VGE = 0 V
T
VJ =
25°C
T
VJ = 125°C
0.6
0.6
mA
mA
I
GES
V
CE = 0 V; VGE = ± 20 V
200
nA
t
d(on)
t
r
t
d(off)
t
f
E
on
E
off
Inductive load
T
VJ = 125°C
V
CE = 300 V; IC = 20 A
V
GE = ±15 V; RG = 47 Ω
50
55
200
30
0.75
0.6
ns
ns
ns
ns
mJ
mJ
C
ies
V
CE = 25 V; VGE = 0 V; f = 1 MHz
1.1
nF
Q
Gon
V
CE = 300 V; VGE = 15 V; IC = 20 A
65
nC
R
thJC
R
thJH
with heatsink compound
2.5
1.25
K/W
K/W
E72873
2
3
4
1
5


Similar Part No. - FII30-06D

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FII30-12D IXYS-FII30-12D Datasheet
47Kb / 2P
Fast IGBT Chopper in ISOPLUS i4-PACTM
FII30-12E IXYS-FII30-12E Datasheet
72Kb / 4P
NPT3 IGBT
More results

Similar Description - FII30-06D

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBT1010LT1 LRC-MMBT1010LT1 Datasheet
72Kb / 1P
Low Saturation Voltage
logo
Sanken electric
FGM622S SANKEN-FGM622S Datasheet
495Kb / 7P
Low Saturation Voltage
logo
MAKO SEMICONDUCTOR CO.,...
2SA1797 MAKOSEMI-2SA1797 Datasheet
122Kb / 2P
Low saturation voltage
logo
Inchange Semiconductor ...
D44C1 ISC-D44C1 Datasheet
191Kb / 2P
Low Saturation Voltage
D44C11 ISC-D44C11 Datasheet
191Kb / 2P
Low Saturation Voltage
D44C12 ISC-D44C12 Datasheet
192Kb / 2P
Low Saturation Voltage
D44C4 ISC-D44C4 Datasheet
191Kb / 2P
Low Saturation Voltage
D44C9 ISC-D44C9 Datasheet
191Kb / 2P
Low Saturation Voltage
D45C4 ISC-D45C4 Datasheet
192Kb / 2P
Low Saturation Voltage
logo
STMicroelectronics
STGB20N40LZ STMICROELECTRONICS-STGB20N40LZ Datasheet
1Mb / 20P
Low saturation voltage
04-Jun-2014
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com