Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACD090 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # ACD090
Description  VHF/UHF CATV/TV Tuner Downconverter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACD090 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  ACD090 Datasheet HTML 1Page - ANADIGICS, Inc ACD090 Datasheet HTML 2Page - ANADIGICS, Inc ACD090 Datasheet HTML 3Page - ANADIGICS, Inc ACD090 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
A
`
PACKAGE OUTLINE
PIN
Function
1
IF
1, +5 V
2
GND
3
NC
4
GND
5
GND
6
RFIN
7
ISET
8
GND
9
NC*
10
+ 5V
11
TCKT
12
GND
13
GND
14
OSC Out
15
GND
16
IF
2,,+5V
0.235
(5.97)
0.155
(3.94)
0.390
(9.91)
0.065
(1.65)
0.016
(0.41)
TYP.
0.066
(1.68)
0.050
(1.27)
BSC
* Do not connect pin 9 to GND
2000MHz
50MHz
. 2
.2
5
2
1
.5
IMPEDANCE REFERENCE PLANE AT PIN 6
RF INPUT IMPEDANCE
MEASURED IN 50
Ω SYSTEM
START:
STOP:
1:
50 MHz
183.00
Ω
- 21.75 j
Ω
2:
250 MHz
135.48
Ω
-58.21 j
Ω
3:
750 MHz
75.92
Ω
- 43.12 j
Ω
4:
1000 MHz
64.93
Ω
- 32.29 j
Ω
5 :
2000 MHz
43.79
Ω
-4.71 j
Ω
0
-.2
-.5
-.1
- 2
- 5
.5
1
2
5
1
2
3
4
5
ACD0900S3C
DATA SHEET - Rev. 0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com